Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1027-BD Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # XP1027-BD
Description  Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XP1027-BD Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  XP1027-BD Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XP1027-BD Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XP1027-BD Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XP1027-BD Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XP1027-BD Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XP1027-BD Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XP1027-BD Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XP1027-BD Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XP1027-BD Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Power Amplifier
27 - 31 GHz
Rev. V2
XP1027-BD
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macomtech.com/content/customersupport
2
Electrical Specifications: 27 - 31 GHz, TA = 25°C
Parameter
Units
Min.
Typ.
Max.
Small Signal Gain
dB
22
25
-
Gain Flatness
dB
-
+/-1
-
Input Return Loss
dB
-
20
-
Output Return Loss
dB
-
20
-
Reverse Isolation
dB
-
50
-
P1dB
dBm
-
34
-
Output IP3
dBm
-
43
-
Saturated POUT, Pulsed PIN
dBm
33
35
-
Drain Bias Voltage
VDC
-
5.0
5.8
Gate Bias Voltage
VDC
-1.0
-0.7
0.0
Supply Current, VD = 5 V, VG = -0.7 V
ID1
ID2
ID3
mA
-
240
630
1240
300
750
1435
Absolute Maximum Ratings
Parameter
Absolute Max.
Supply Voltage2
+6 VDC
Supply Current
ID1
ID2
ID3
325 mA
825 mA
1575 mA
Gate Bias Voltage
-1.5 < Vg < 0 V
Input Power
+25 dBm
Storage Temperature
-65°C to +165°C
Operating Temperature
-55°C to +85°C
Channel Temperature3
175°C
2. Under pulsed bias conditions, under CW PSAT conditions
further reduction in max supply voltage (~0.5 V) is
recommended.
3. Channel temperature should be kept as low as possible to
maximize lifetime.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
Class 2 devices.


Similar Part No. - XP1027-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1027-BD MIMIX-XP1027-BD Datasheet
236Kb / 5P
   27.0-33.0 GHz GaAs MMIC Power Amplifier
XP1027-BD MIMIX-XP1027-BD Datasheet
1Mb / 11P
   27.0-31.0 GHz GaAs MMIC
XP1027-BD-000V MIMIX-XP1027-BD-000V Datasheet
236Kb / 5P
   27.0-33.0 GHz GaAs MMIC Power Amplifier
XP1027-BD-EV1 MIMIX-XP1027-BD-EV1 Datasheet
236Kb / 5P
   27.0-33.0 GHz GaAs MMIC Power Amplifier
XP1027-BD MIMIX-XP1027-BD_10 Datasheet
1Mb / 11P
   27.0-31.0 GHz GaAs MMIC
More results

Similar Description - XP1027-BD

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
   Power Amplifier
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
   Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
   Power Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
   Power Amplifier
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
   Power Amplifier
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
   POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
   Amplifier, Power
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
   Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
   Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
   Power Amplifier
logo
TOKO, Inc
TK10417 TOKO-TK10417 Datasheet
63Kb / 8P
   POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com