Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL1000-BD Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # XL1000-BD
Description  Low Noise Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XL1000-BD Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  XL1000-BD Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XL1000-BD Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XL1000-BD Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XL1000-BD Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XL1000-BD Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XL1000-BD Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XL1000-BD Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XL1000-BD Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XL1000-BD Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Low Noise Amplifier
20.0-40.0 GHz
XL1000-BD
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V1
Features
 Self Bias Architecture
 Small Size
 3.0 or 5.0 V Operation
 20.0 dB Small Signal Gain
 2.0 dB Noise Figure
 +9.0 dBm P1dB Compression Point
 100% On-Wafer RF, DC and Noise Figure
Testing
 100% Visual Inspection to MIL-STD-883 Method
2010
 RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM Tech’s three stage 20.0-40.0 GHz GaAs
MMIC low noise amplifier has a small signal gain of
20.0 dB with a noise figure of 2.0 dB across the
band. This MMIC uses M/A-COM Tech’s GaAs
PHEMT device model technology, and is based
upon electron beam lithography to ensure high
repeatability and uniformity. The chip has surface
passivation to protect and provide a rugged part with
backside via holes and gold metallization to allow
either a conductive epoxy or eutectic solder die
attach process. This device is well suited for
Millimeter-wave
Point-to-Point
Radio,
LMDS,
SATCOM and VSAT applications.
Ordering Information
Part Number
Package
XL1000-BD-000V
“V” - vacuum release
gel paks
XL1000-BD-EV1
evaluation module
Absolute Maximum Ratings
Parameter
Absolute Max.
Supply Voltage (Vd)
+7.0 VDC
Supply Current (Id)
70 mA
Input Power (Pin)
+12 dBm
Storage Temperature (Tstg)
-65 °C to +165 °C
Operating Temperature (Ta)
-55 °C to +85 °C
Channel Temperature (Tch)1
+175 °C
1. Channel temperature directly affects a device's MTTF. Chan-
nel temperature should be kept as low as possible to maximize
lifetime.
Chip Device Layout


Similar Part No. - XL1000-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1000-BD MIMIX-XL1000-BD Datasheet
268Kb / 7P
   20.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XL1000-BD MIMIX-XL1000-BD Datasheet
1Mb / 7P
   20.0-40.0 GHz GaAs MMIC
XL1000-BD-000V MIMIX-XL1000-BD-000V Datasheet
268Kb / 7P
   20.0-40.0 GHz GaAs MMIC Low Noise Amplifier
logo
M/A-COM Technology Solu...
XL1000-BD-000V MA-COM-XL1000-BD-000V Datasheet
898Kb / 10P
   Low Noise Amplifier
logo
Mimix Broadband
XL1000-BD-EV1 MIMIX-XL1000-BD-EV1 Datasheet
268Kb / 7P
   20.0-40.0 GHz GaAs MMIC Low Noise Amplifier
More results

Similar Description - XL1000-BD

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com