Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMA421 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # LMA421
Description  LOW NOISE PHEMT MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LMA421 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  LMA421 Datasheet HTML 1Page - Filtronic Compound Semiconductors LMA421 Datasheet HTML 2Page - Filtronic Compound Semiconductors LMA421 Datasheet HTML 3Page - Filtronic Compound Semiconductors LMA421 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LMA421
LOW NOISE PHEMT MMIC
Phone:
(408) 988-1845
http://
www.filss.com
Revised:
12/05/00
Fax:
(408) 970-9950
Email:
sales@filss.com
• ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Test Conditions
Min
Max
Units
Drain Voltage
VD
TAmbient = 22 ± 3 °C
4
V
Operating Current
IOP
TAmbient = 22 ± 3 °C
90
mA
RF Input Power
PIN
TAmbient = 22 ± 3 °C
-10
dBm
Total Power Dissipation
PTOT
TAmbient = 22 ± 3 °C
0.5
W
Channel Operating Temperature
TCH
TAmbient = 22 ± 3 °C
150
ºC
Storage Temperature
TSTG
-65
165
ºC
Maximum Assembly Temperature
(1 min. max.)
TMAX
300
ºC
Notes:
Operating conditions that exceed the Absolute Maximum Ratings could result in permanent damage to the device.
Recommended Continuous Operating Limits should be observed for reliable device operation.
Power Dissipation defined as: PTOT ≡ (PDC + PIN) – POUT, where
PDC: DC Bias Power
PIN: RF Input Power
POUT: RF Output Power
This GaAs MMIC is susceptible to damage from Electrostatic Discharge. Proper precautions should be used when
handling these devices.


Similar Part No. - LMA421

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA420 FILTRONIC-LMA420 Datasheet
135Kb / 4P
   LOW NOISE PHEMT MMIC
LMA422 FILTRONIC-LMA422 Datasheet
157Kb / 4P
   LOW NOISE PHEMT MMIC
More results

Similar Description - LMA421

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA406 FILTRONIC-LMA406 Datasheet
159Kb / 5P
   LOW NOISE PHEMT MMIC
LMA219B FILTRONIC-LMA219B Datasheet
123Kb / 4P
   LOW NOISE PHEMT MMIC
LMA420 FILTRONIC-LMA420 Datasheet
135Kb / 4P
   LOW NOISE PHEMT MMIC
LMA246 FILTRONIC-LMA246 Datasheet
170Kb / 4P
   LOW NOISE PHEMT MMIC
LMA411 FILTRONIC-LMA411 Datasheet
169Kb / 5P
   LOW NOISE PHEMT MMIC
LMA419 FILTRONIC-LMA419 Datasheet
138Kb / 4P
   LOW NOISE PHEMT MMIC
LMA422 FILTRONIC-LMA422 Datasheet
157Kb / 4P
   LOW NOISE PHEMT MMIC
logo
Analog Devices
HMC376LP3 AD-HMC376LP3 Datasheet
316Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460LC5 AD-HMC460LC5 Datasheet
1Mb / 7P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER,
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com