Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL1011B260 Datasheet(PDF) 2 Page - Littelfuse

Part # SL1011B260
Description  Surface Mount Surge Arresters SL1011B Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1011B260 Datasheet(HTML) 2 Page - Littelfuse

  SL1011B260 Datasheet HTML 1Page - Littelfuse SL1011B260 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2008 Littelfuse, Inc.
30
Revised: December 15, 2008
Gas Plasma Arrester (GDT) Products
Surface Mount Surge Arresters > SL1011B Series
SL1011B Series
Specifications are subject to change without notice.
Refer to www.littelfuse.com/series/SL1002B.html for current information.
Time (ns)
0
200
400
600
800
1000
1200
Max dynamic breakover
voltage
Hold-over voltage
On-State voltage
Voltage vs.Time Characteristic
Weight
Materials:
Device Marking: Littelfuse ‘LF’ mark, voltage and date code.
Physical Specifications:
Profile for Wave Soldering
Solder
T 1 max = 266
oC
Flow Area
T 1= 239
oC
200
300
Tm= 179
oC
Forced Cooling
Preheating
Area
100
10
20
30
40
Time in Seconds
T1 max = Maximum Tab Temperature = 266°C
T1
= Flow Temperature = 239°C
Tm
= Melting Point of Solder = 179°C
Tamb
= Ambient Temperature = 25°C
Maximum permissable rate of temperature change = °C / sec
Profile for Reflow Soldering
Part Numbering System
Dimensions
62 +
_ 2
6.0 +
_ 0.2
6.0 +
_ 0.2
8.0 +
_ 0.2
SL1011BxxxA
SL1011BxxxC
Ø 0.8 +
_ 0.1
All dimensions in mm
1011 B
Voltage
Pin Configuration
SL
A = Leaded


Similar Part No. - SL1011B260

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1011B260 LITTELFUSE-SL1011B260 Datasheet
160Kb / 2P
   Gas Plasma Arrester
SL1011B260 LITTELFUSE-SL1011B260 Datasheet
420Kb / 6P
   SL1011A/B and SL1411A Series
SL1011B260 LITTELFUSE-SL1011B260 Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
SL1011B260 LITTELFUSE-SL1011B260 Datasheet
100Kb / 2P
   SL1011B Series Gas Plasma Arrester
More results

Similar Description - SL1011B260

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
15040-ECG NTE-15040-ECG Datasheet
31Kb / 1P
   Surge Arresters
logo
EPCOS
EC90XN EPCOS-EC90XN Datasheet
538Kb / 6P
   SURGE ARRESTERS
logo
List of Unclassifed Man...
CG2145L ETC2-CG2145L Datasheet
322Kb / 4P
   TWO ELECTRODE SURGE ARRESTERS
logo
NTE Electronics
NTE15040-ECG NTE-NTE15040-ECG Datasheet
21Kb / 1P
   Surge Arresters (Gas Filled)
logo
Kingtronics Internation...
SMD5076 KINGTRONICS-SMD5076 Datasheet
184Kb / 1P
   Gas Tube Surge Arresters
SKT-SURGE-ARRESTERS KINGTRONICS-SKT-SURGE-ARRESTERS Datasheet
1Mb / 4P
   SKT - Surge Arresters 3-Electrode Ceramic Surge Arrester
logo
List of Unclassifed Man...
CG3 ETC2-CG3 Datasheet
297Kb / 3P
   TWO ELECTRODE HIGH VOLTAGE SURGE ARRESTERS
logo
Kingtronics Internation...
SKT-2R-75D KINGTRONICS-SKT-2R-75D Datasheet
581Kb / 5P
   SKT - Surge Arresters 2-Electrode Ceramic Surge Arrester
logo
PHOENIX CONTACT
2788896 PHOENIX-2788896 Datasheet
53Kb / 3P
   Housing for mounting surge voltage arresters
logo
Littelfuse
SL1011B250A LITTELFUSE-SL1011B250A Datasheet
100Kb / 2P
   SL1011B Series Gas Plasma Arrester
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com