Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMA419 Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part # LMA419
Description  LOW NOISE PHEMT MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LMA419 Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  LMA419 Datasheet HTML 1Page - Filtronic Compound Semiconductors LMA419 Datasheet HTML 2Page - Filtronic Compound Semiconductors LMA419 Datasheet HTML 3Page - Filtronic Compound Semiconductors LMA419 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LMA419
LOW NOISE PHEMT MMIC
Phone:
(408) 988-1845
http://
www.filss.com
Revised:
12/05/00
Fax:
(408) 970-9950
Email:
sales@filss.com
• ASSEMBLY DRAWING
Notes:
Recommended lead bond technique is thermocompression wedge bonding with 0.001” (25µm) diameter wire. The
bond tool force shall be 35-38 gram. Bonding stage temperature shall be 230-240°C, heated tool (150-160°C) is
recommended. Ultrasonic bonding is not recommended.
The recommended die attach is Ablebond silver epoxy, the stabilize bake temperature is set at 150°C for 45 minutes.
Bond on bond or stitch bond acceptable.
Conductor over conductor acceptable. Conductors must not short.


Similar Part No. - LMA419

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA411 FILTRONIC-LMA411 Datasheet
169Kb / 5P
   LOW NOISE PHEMT MMIC
LMA417 FILTRONIC-LMA417 Datasheet
175Kb / 4P
   MEDIUM POWER PHEMT MMIC
More results

Similar Description - LMA419

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA406 FILTRONIC-LMA406 Datasheet
159Kb / 5P
   LOW NOISE PHEMT MMIC
LMA219B FILTRONIC-LMA219B Datasheet
123Kb / 4P
   LOW NOISE PHEMT MMIC
LMA420 FILTRONIC-LMA420 Datasheet
135Kb / 4P
   LOW NOISE PHEMT MMIC
LMA246 FILTRONIC-LMA246 Datasheet
170Kb / 4P
   LOW NOISE PHEMT MMIC
LMA421 FILTRONIC-LMA421 Datasheet
129Kb / 4P
   LOW NOISE PHEMT MMIC
LMA411 FILTRONIC-LMA411 Datasheet
169Kb / 5P
   LOW NOISE PHEMT MMIC
LMA422 FILTRONIC-LMA422 Datasheet
157Kb / 4P
   LOW NOISE PHEMT MMIC
logo
Analog Devices
HMC376LP3 AD-HMC376LP3 Datasheet
316Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460LC5 AD-HMC460LC5 Datasheet
1Mb / 7P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER,
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com