Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD280-1130-1516 Datasheet(PDF) 2 Page - Tyco Electronics

Part # BD280-1130-1516
Description  PolySwitch Resettable Devices
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

BD280-1130-1516 Datasheet(HTML) 2 Page - Tyco Electronics

  BD280-1130-1516 Datasheet HTML 1Page - Tyco Electronics BD280-1130-1516 Datasheet HTML 2Page - Tyco Electronics BD280-1130-1516 Datasheet HTML 3Page - Tyco Electronics BD280-1130-1516 Datasheet HTML 4Page - Tyco Electronics BD280-1130-1516 Datasheet HTML 5Page - Tyco Electronics BD280-1130-1516 Datasheet HTML 6Page - Tyco Electronics BD280-1130-1516 Datasheet HTML 7Page - Tyco Electronics BD280-1130-1516 Datasheet HTML 8Page - Tyco Electronics BD280-1130-1516 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
174
RoHS Compliant, ELV Compliant
12
Hold Current (A)
0.30
——
——
2.90
0.50
——
0.565
0.5650
——
0.90
0.70
——
0.385
0.3850
——
0.75
——
——
0.60
——
0.80
——
0.25
——
1.00
——
0.225
0.2250
——
0.30
——
1.25
——
——
0.160
——
1.50
——
——
0.140
——
1.60
——
0.10
——
1.85
——
——
0.079
——
2.00
0.0565
——
0.07
0.090
——
2.50
——
——
0.060
——
3.00
0.0410
0.0520
0.05
——
4.00
0.0300
0.0305
——
4.50
0.0290
——
5.00
0.0192
——
0.0200
——
5.50
0.0190
——
6.00
0.0145
0.0180
——
6.50
0.0140
——
7.00
0.0105
0.0126
——
7.50
0.0120
0.0120
——
8.00
0.0086
0.0104
——
0.0115
9.00
0.0070
0.0100
——
10.00
0.0056
0.0083
0.0083
——
11.00
0.0050
0.0069
——
12.00
0.0046
———
0.0060
13.00
0.0055
——
14.00
0.0040
0.0050
——
15.00
0.0050
——
16.00
——
——
0.00365
20.00
——
——
0.00285
21.00
——
——
0.00260
Voltage Rating
AGRF
16V
AHRF
16V
AHRF
30V
AHS
16V
ASMD
16V
ASMD
30V
ASMD
60V
AHEF
32V
BD
14V
Table A1
Product Series - Current Rating, Voltage Rating / Typical Resistance for
Automotive Devices
Hold Current (A)
0.05
——
26.80
——
0.10
——
8.55
6.70
——
0.12
3.95
——
0.14
——
3.75
——
0.16
3.05
——
0.20
1.875
——
1.950
——
0.30
——
0.975
——
0.35
——
0.90
——
0.50
——
0.575
0.75
——
0.190
1.10
——
0.120
0.1200
1.25
——
0.0950
1.50
——
0.080
0.0750
2.60
——
0.0325
Voltage Rating
nanoASMDC
48V
nanoASMDC
24V
nanoASMDC
16V
miniASMDC
60V
miniASMDC
30V
miniASMDC
24V
miniASMDC
16V
microASMD
30V


Similar Part No. - BD280-1130-1516

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BD280-1130-15/16 MACOM-BD280-1130-15/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
More results

Similar Description - BD280-1130-1516

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
LVR005 MACOM-LVR005 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
AGRF400 MACOM-AGRF400 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
LTP190SS MACOM-LTP190SS Datasheet
218Kb / 16P
   PolySwitch Resettable Devices Strap Battery Devices
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com