Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMG161E220MJ20S Datasheet(PDF) 3 Page - Nichicon corporation

Part # EKMG161E220MJ20S
Description  Endurance with ripple current 1,000 to 2,000 hours at 105
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

EKMG161E220MJ20S Datasheet(HTML) 3 Page - Nichicon corporation

  EKMG161E220MJ20S Datasheet HTML 1Page - Nichicon corporation EKMG161E220MJ20S Datasheet HTML 2Page - Nichicon corporation EKMG161E220MJ20S Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Standard, Downsized, 105
KMG
Series
◆STANDARD RATINGS
is not solvent resistant.
WV
(Vdc)
Cap
(µF)
Case size
φD×L(mm)
tan
δ
Rated ripple
current
(mArms/
105℃,120Hz)
Part No.
450
3.3
10
×16
0.24
31
EKMG451E□□3R3MJ16S
4.7
10
×20
0.24
40
EKMG451E□□4R7MJ20S
10
12.5
×20
0.24
65
EKMG451E□□100MK20S
22
16
×25
0.24
115
EKMG451E□□220ML25S
33
16
×31.5
0.24
155
EKMG451E□□330MLN3S
47
16
×35.5
0.24
185
EKMG451E□□470MLP1S
2.2
10
×12.5
0.24
23
EKMG451E□□2R2MJC5S
□□ : Enter the appropriate lead forming or taping code.
◆RATED RIPPLE CURRENT MULTIPLIERS
50
0.65
0.75
0.80
0.85
120
1.00
1.00
1.00
1.00
300
1.35
1.25
1.15
1.03
1k
1.75
1.50
1.30
1.05
10k
2.30
1.75
1.40
1.08
100k
2.50
1.80
1.50
1.08
Capacitance (µF)
Frequency (Hz)
1.0 to 4.7
10 to 47
100 to 1,000
2,200 to
Frequency Multipliers
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
131
CAT. No. E1001N
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKMG161E220MJ20S

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
EKMG161E220MJ20S NPC-EKMG161E220MJ20S Datasheet
419Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKMG161E220MJ20S

ManufacturerPart #DatasheetDescription
logo
Surge Components
SPI2W271MND3040 SURGE-SPI2W271MND3040 Datasheet
299Kb / 2P
   Endurance with ripple current
logo
AIC tech Inc.
UW AICTECH-UW Datasheet
67Kb / 2P
   Useful of 2,000 hours at 105ºC
RIDOHU AICTECH-RIDOHU Datasheet
820Kb / 3P
   Useful of 2,000 hours at 105ºC
logo
Nichicon corporation
LGU2G221MELA NICHICON-LGU2G221MELA Datasheet
72Kb / 5P
   Withstanding 3000 hours application of rated ripple current at 105째C.
LLS2G101MELZ NICHICON-LLS2G101MELZ Datasheet
77Kb / 5P
   Withstanding 3000 hours application of rated ripple current at 85째C.
logo
jb Capacitors Company
JMQ JBCAPACITORS-JMQ Datasheet
335Kb / 2P
   Warranty of 5000 hours at 105
logo
United Chemi-Con, Inc.
EMVL6R3ADA CHEMI-CON-EMVL6R3ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL160ADA CHEMI-CON-EMVL160ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
logo
RUBYCON CORPORATION
50ZL100MEFC8X11.5 RUBYCON-50ZL100MEFC8X11.5 Datasheet
276Kb / 3P
   105??High ripple current, Low impedance.
35YXG1000MEFCG412.5X25 RUBYCON-35YXG1000MEFCG412.5X25 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com