Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES1B Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # ES1B
Description  SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ES1B Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  ES1B Datasheet HTML 1Page - Bruckewell Technology LTD ES1B Datasheet HTML 2Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bruckewell Technology Corp., Ltd.
SURFACE MOUNT ULTRAFAST EFFICIENT
RECTIFIER
ES1A-1J
Reverse Voltage - 50 to 600 Volts
Forward Current - 1.0 Ampere
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Glass passivated chip junctions
Ultrafast recovery times for high efficiency
Low forward voltage, low power loss
High temperature soldering guaranteed:
260°C/10 seconds on terminals
MECHANICAL DATA
Case: JEDEC DO-214AC molded plastic body
Terminals: Solder plated, solderable per MIL-STD-750,Method
2026
Polarity: Color band denotes cathode end
Weight: 0.002 ounces, 0.064 gram
SMA (DO214AC)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
ES1A
ES1B
ES1D
ES1G
ES1J
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
V
Maximum RMS voltage
VRWS
35
70
140
280
420
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
V
Maximum average forward rectified
current at TL=110℃
IF(AV)
1
A
Peak forward surge current 8.3ms single
half-sine-wave
IFSM
30
A
Maximum instantaneous forward voltage
at IFM=1.0A
VF
0.95
1.7
V
Maximum DC reverse current
TJ=25℃
IR
5
uA
At rated DC blocking voltage
TA=100℃
200
Maximum reverse recovery time
Trr
30
50
nS
Typical junction capacitance
Cj
19
19
PF
Maximum thermal resistance
RθJA
75
℃/W
RθJL
27
℃/W
Storage temperature range
TSTG
-55 to +150
NOTE:1.Pulse test: Pulse width 300us, duty cycle 1%


Similar Part No. - ES1B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1B PANJIT-ES1B Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shanghai Shunye Electro...
ES1B SHUNYE-ES1B Datasheet
234Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES1B SY-ES1B Datasheet
234Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
RFE international
ES1B RFE-ES1B Datasheet
1Mb / 3P
   Surface Mount Super Fast Recifier Diodes ES1A Through ES1K
08-12-2020
logo
General Semiconductor
ES1B GE-ES1B Datasheet
80Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
More results

Similar Description - ES1B

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
ES2A BWTECH-ES2A Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES1000FL BWTECH-ES1000FL Datasheet
630Kb / 4P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
General Semiconductor
US1A GE-US1A Datasheet
85Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Bruckewell Technology L...
ES2A-2J BWTECH-ES2A-2J Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES2A_J BWTECH-ES2A_J Datasheet
394Kb / 4P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Continental Device Indi...
ES1A-1J CDIL-ES1A-1J Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Bruckewell Technology L...
ES1A_J BWTECH-ES1A_J Datasheet
431Kb / 4P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
US1A-M BWTECH-US1A-M Datasheet
406Kb / 4P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
US2A-M BWTECH-US2A-M Datasheet
321Kb / 4P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Continental Device Indi...
ES2A-2J CDIL-ES2A-2J Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com