Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMC-1001TS Datasheet(PDF) 2 Page - PIC GmbH

Part # PMC-1001TS
Description  Standard-SMD-Reedschalter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

PMC-1001TS Datasheet(HTML) 2 Page - PIC GmbH

  PMC-1001TS_14 Datasheet HTML 1Page - PIC GmbH PMC-1001TS_14 Datasheet HTML 2Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SW T
IC H I N G T HE S M A R T WAY
PMC-1001TS
PMC-1001TS
Standard-SMD-Reedschalter
RM 11,8 mm
Empfohlenes Leiterplatten-Layout in mm
Empfohlenes Lötprofil
Gurt-Abmessungen in mm
Empfohlene Anpresskraft
3
Maximale Anpresskraft
10
N
N
PMC-1001TS
Der Schaltabstand des
kann sich reduzieren, wenn dieser auf
ferromagnetischen Teilen montiert wird.
Elektromagnetische Einflüsse und Magnetfelder
können das Schaltverhalten des Sensors
verändern.
Bemerkungen
Toleranz ±0.1, falls nicht anders angegeben
Anpresskraft
PIC Proximity Instrumentation Controls
Kontaktbauelemente GmbH
Phone +49 911 99 59 06-0
Fax
+49 911 99 59 06-99
Rev.:
1.5
pmc1001ts_ds_d_1.5
info@pic-gmbh.com
www.pic-gmbh.com
Nibelungenstr. 5 A
90530 Wendelstein, Germany
Seite 2 von 2


Similar Part No. - PMC-1001TS_14

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PMC-1001TS1015 PIC-PMC-1001TS1015 Datasheet
143Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
PMC-1001TS1520 PIC-PMC-1001TS1520 Datasheet
143Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
PMC-1001TS2025 PIC-PMC-1001TS2025 Datasheet
143Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
More results

Similar Description - PMC-1001TS_14

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PMC-1001TH PIC-PMC-1001TH_14 Datasheet
84Kb / 2P
   Standard-SMD-Reedschalter
PMC-1428TS PIC-PMC-1428TS Datasheet
258Kb / 2P
   Standard-SMD-Reedschalter
PMC-1424S PIC-PMC-1424S Datasheet
374Kb / 2P
   Standard-SMD-Reedschalter
PMC-1428T PIC-PMC-1428T Datasheet
259Kb / 2P
   Standard-SMD-Reedschalter
PMC-1401T PIC-PMC-1401T_14 Datasheet
259Kb / 2P
   Standard-SMD-Reedschalter
PMC-1402S PIC-PMC-1402S_14 Datasheet
400Kb / 2P
   Standard-SMD-Reedschalter
PMC-1001S PIC-PMC-1001S_14 Datasheet
281Kb / 2P
   Standard-SMD-Reedschalter
PMC-1001T PIC-PMC-1001T_14 Datasheet
256Kb / 2P
   Standard-SMD-Reedschalter
PMC-1424T PIC-PMC-1424T Datasheet
259Kb / 2P
   Standard-SMD-Reedschalter
PMC-1001THL PIC-PMC-1001THL_14 Datasheet
244Kb / 2P
   Standard-SMD-Reedschalter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com