Electronic Components Datasheet Search |
|
PB3006-E345 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
PB3006-E345 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 6 page PB3006, PB3008, PB3010 www.vishay.com Vishay General Semiconductor Revision: 26-Jun-13 1 Document Number: 84806 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Enhanced isoCink+TM Bridge Rectifiers *Tested to UL standard for safety electrically isolated semiconductor devices. UL 1557 4th edition. Dielectric tested to maximum case, storage and junction temperature to 150 °C to withstand 1500 V. Epoxy meets UL 94 V-0 flammability rating. FEATURES • UL recognition file number E312394 (QQQX2) UL 1557 (see *) • Enhanced high-current density single in-line package • Superior thermal conductivity • Solder dip 275 °C max. 10 s, per JESD 22-B106 • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 TYPICAL APPLICATIONS General purpose use in AC/DC bridge full wave rectification for switching power supply, home appliances and white-goods applications. MECHANICAL DATA Case: PB Molding compound meets UL 94 V-0 flammability rating Base P/N-E3 - RoHS-compliant, commercial grade Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD 22-B102 E3 suffix meets JESD 201 class 1A whisker test Polarity: As marked on body Mounting Torque: 10 cm-kg (8.8 inches-lbs) max. Recommended Torque: 5.7 cm-kg (5 inches-lbs) Notes (1) With heatsink (2) Without heatsink, free air PRIMARY CHARACTERISTICS Package PB IF(AV) 30 A VRRM 600 V, 800 V, 1000 V IFSM 240 A IR 10 μA VF at IF = 15 A 0.97 V TJ max. 150 °C Diode variations In-Line + ~ ~ - - ~ ~ + ~ ~ isoCink+™ Case Style PB +~ ~ - MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL PB3006 PB3008 PB3010 UNIT Maximum repetitive peak reverse voltage VRRM 600 800 1000 V Average rectified forward current (fig. 1, 2) TC = 86 °C (1) IO 30 A TA = 25 °C (2) 4.0 Non-repetitive peak forward surge current 8.3 ms single sine-wave, TJ = 25 °C IFSM 240 A Rating for fusing (t < 8.3 ms) TJ = 25 °C I2t 240 A2s Operating junction and storage temperature range TJ, TSTG - 55 to + 150 °C |
Similar Part No. - PB3006-E345 |
|
Similar Description - PB3006-E345 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |