Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FP1510SOT89 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part No. FP1510SOT89
Description  LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRONIC [Filtronic Compound Semiconductors]
Homepage  http://www.filtronic.co.uk/
Logo 

FP1510SOT89 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Preliminary Data Sheet
FP1510SOT89
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Phone: (408) 988-1845
http:// www.filss.com
Revised: 2/26/02
Fax: (408) 970-9950
Email: sales@filss.com
• FEATURES
♦ 28 dBm Output Power at 1-dB Compression at 1.8 GHz
♦ 19 dB Power Gain at 1.8 GHz
♦ 1.0 dB Noise Figure
♦ 45 dBm Output IP3 at 1.8 GHz
♦ 50% Power-Added Efficiency
• DESCRIPTION AND APPLICATIONS
The FP1510SOT89 is a packaged Aluminum Gallium Arsenide / Indium Gallium Arsenide
(AlGaAs/InGaAs) pseudomorphic High Electron Mobility Transistor (pHEMT). It utilizes a
0.10
µm x 1500 µm Schottky barrier gate, defined by electron-beam photolithography. The recessed
“mushroom” gate structure minimizes parasitic gate-source and gate resistance. The epitaxial
structure and processing have been optimized for reliable high-power applications. The FP1510 also
features Si3N4 passivation and is available in die form or in other packages.
Typical applications include drivers or output stages in PCS/Cellular amplifiers, WLL and WLAN
systems, and other types of wireless infrastructure systems.
• ELECTRICAL SPECIFICATIONS @ T
Ambient = 25°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Saturated Drain-Source Current
LP1510SOT89-1
IDSS
VDS = 2 V; VGS = 0 V
375
420
450
mA
LP1510SOT89-2
451
490
526
mA
LP1510SOT89-3
527
560
600
mA
Power at 1-dB Compression
P-1dB
VDS = 5 V; IDS = 50% IDSS
26.5
28
dBm
Power Gain at 1-dB Compression
G-1dB
VDS = 5 V; IDS = 50% IDSS
17
19
dB
Power-Added Efficiency
PAE
VDS = 5 V; IDS = 50% IDSS;
PIN = 15 dBm
50
%
Noise Figure
NF
VDS = 5 V; IDS = 50% IDSS
1.0
dB
Output Third-Order Intercept Point
IP3
VDS = 5V; IDS = 50% IDSS;
PIN = -1 dBm
45
dBm
Maximum Drain-Source Current
IMAX
VDS = 2 V; VGS = 1 V
925
mA
Transconductance
GM
VDS = 2 V; VGS = 0 V
300
400
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
10
100
µA
Pinch-Off Voltage
VP
VDS = 2 V; IDS = 8 mA
-0.25
-1.2
-2.0
V
Gate-Source Breakdown
Voltage Magnitude
|VBDGS|IGS = 8 mA
10
12
V
Gate-Drain Breakdown
Voltage Magnitude
|VBDGD|IGD = 8 mA
10
13
V
frequency=1.8 GHz


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LP1500SOT223Low Noise High Linearity Packaged PHEMT 1 2 Filtronic Compound Semiconductors
FPD6836SOT343LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 Filtronic Compound Semiconductors
LP1500SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
LP3000SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
LP750SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
FPD750SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 5 MoreFiltronic Compound Semiconductors
FPD750SOT343LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 Filtronic Compound Semiconductors
FPD2250SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 5 MoreFiltronic Compound Semiconductors
FPD3000SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 5 MoreFiltronic Compound Semiconductors
FPD750DFNLOW NOISE HIGH LINEARITY PACKAGED PHEMTT 1 2 3 4 5 Filtronic Compound Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn