Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM658160TS-6 Datasheet(PDF) 11 Page - Etron Technology, Inc.

Part # EM658160TS-6
Description  4M x 16 DDR Synchronous DRAM (SDRAM)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM658160TS-6 Datasheet(HTML) 11 Page - Etron Technology, Inc.

Back Button EM658160TS-6 Datasheet HTML 7Page - Etron Technology, Inc. EM658160TS-6 Datasheet HTML 8Page - Etron Technology, Inc. EM658160TS-6 Datasheet HTML 9Page - Etron Technology, Inc. EM658160TS-6 Datasheet HTML 10Page - Etron Technology, Inc. EM658160TS-6 Datasheet HTML 11Page - Etron Technology, Inc. EM658160TS-6 Datasheet HTML 12Page - Etron Technology, Inc. EM658160TS-6 Datasheet HTML 13Page - Etron Technology, Inc. EM658160TS-6 Datasheet HTML 14Page - Etron Technology, Inc. EM658160TS-6 Datasheet HTML 15Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Et r onT ech
4Mx16 DDR SDRAM
EM658160
Etron Confidential
11
Rev. 1.1
Jan. 2002
Note:
1. Stress greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device.
2. All voltages are referenced to VSS.
3. These parameters depend on the cycle rate and these values are measured by the cycle rate under the
minimum value of tCK and tRC. Input signals are changed one time during tCK.
4. Power-up sequence is described in Note 6.
5. A.C. Test Conditions
SSTL_2 Interface
Reference Level of Output Signals (VRFE)
0.5 * VDDQ
Output Load
Reference to the Under Output Load (A)
Input Signal Levels
VREF+0.35 V / VREF-0.35 V
Input Signals Slew Rate
1 V/ns
Reference Level of Input Signals
0.5 * VDDQ
25
Output
30pF
25
0.5*VDDQ
SSTL_2 A.C. Test Load
6.
Power up Sequence
Power up must be performed in the following sequence.
1) Power must be applied to VDD and VDDQ(simultaneously) when all input signals are held "NOP" state and
maintain CKE “LOW”. Power applied to VDDQ the same time as VTT and VREF.
2) After power-up, No-Operation of 200
µ−seconds minimum is required.
3) Start clock and keep CKE “HIGH” to maintain either No-Operation or Device Deselect at the input.
4) Issue EMRS – enable DLL.
5) Issue MRS – reset DLL and set device to idle with bit A8 (An additional 200 cycles min of clock are
needed for DLL lock)
6) Precharge all banks of the device.
7) Two or more Auto Refresh commands.
8) Issue MRS – Initialize device operation.


Similar Part No. - EM658160TS-6

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6580 EMMICRO-EM6580 Datasheet
1Mb / 56P
   Ultra Low Power 8-pin Flash Microcontroller
EM6580 EMMICRO-EM6580 Datasheet
979Kb / 9P
   This board contains the different MFP?셲
EM6580 EMMICRO-EM6580 Datasheet
1Mb / 55P
   Ultra Low Power 8-pin Flash Microcontroller
EM6580SO14A EMMICRO-EM6580SO14A Datasheet
1Mb / 56P
   Ultra Low Power 8-pin Flash Microcontroller
EM6580SO14A++ EMMICRO-EM6580SO14A+ Datasheet
1Mb / 55P
   Ultra Low Power 8-pin Flash Microcontroller
More results

Similar Description - EM658160TS-6

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A8160TSA ETRON-EM6A8160TSA Datasheet
412Kb / 51P
   4M x 16 DDR Synchronous DRAM (SDRAM)
EM6A8160TSC-4G ETRON-EM6A8160TSC-4G Datasheet
472Kb / 53P
   4M x 16 DDR Synchronous DRAM
EM6A9320BIB-4H ETRON-EM6A9320BIB-4H Datasheet
500Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM68932DVKA ETRON-EM68932DVKA Datasheet
326Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM68932DVKB ETRON-EM68932DVKB Datasheet
347Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM6A9320BIB-4IH ETRON-EM6A9320BIB-4IH Datasheet
502Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM6A9320BIA ETRON-EM6A9320BIA Datasheet
451Kb / 52P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
EM638165TS-5IG ETRON-EM638165TS-5IG Datasheet
517Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323816A GENERALPLUS-GPR323816A Datasheet
1Mb / 57P
   4M x 16 bit Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com