Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8460BA-B-IS1 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI8460BA-B-IS1
Description  LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8460BA-B-IS1 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI8460BA-B-IS1 Datasheet HTML 2Page - Silicon Laboratories SI8460BA-B-IS1 Datasheet HTML 3Page - Silicon Laboratories SI8460BA-B-IS1 Datasheet HTML 4Page - Silicon Laboratories SI8460BA-B-IS1 Datasheet HTML 5Page - Silicon Laboratories SI8460BA-B-IS1 Datasheet HTML 6Page - Silicon Laboratories SI8460BA-B-IS1 Datasheet HTML 7Page - Silicon Laboratories SI8460BA-B-IS1 Datasheet HTML 8Page - Silicon Laboratories SI8460BA-B-IS1 Datasheet HTML 9Page - Silicon Laboratories SI8460BA-B-IS1 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Si8460/61/62/63
6
Rev. 1.5
1 Mbps Supply Current (All inputs = 500 kHz square wave, CI = 15 pF on all outputs)
Si8460Ax, Bx
VDD1
VDD2
4.7
4.0
7.1
6.0
mA
Si8461Ax, Bx
VDD1
VDD2
4.7
4.5
7.1
6.8
mA
Si8462Ax, Bx
VDD1
VDD2
4.7
4.3
7.1
6.5
mA
Si8463Ax, Bx
VDD1
VDD2
4.7
4.7
7.1
7.1
mA
10 Mbps Supply Current (All inputs = 5 MHz square wave, CI = 15 pF on all outputs)
Si8460Bx
VDD1
VDD2
4.7
5.5
7.1
7.7
mA
Si8461Bx
VDD1
VDD2
5.0
5.7
7.2
8
mA
Si8462Bx
VDD1
VDD2
5.2
5.4
7.3
7.6
mA
Si8463Bx
VDD1
VDD2
5.5
5.5
7.7
7.7
mA
Table 3. Electrical Characteristics (Continued)
(VDD1 =5V±10%, VDD2 =5V±10%, TA = –40 to 125 °C; applies to narrow-body SOIC package)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. The nominal output impedance of an isolator driver channel is approximately 85
, ±40%, which is a combination of
the value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
3. Start-up time is the time period from the application of power to valid data at the output.


Similar Part No. - SI8460BA-B-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si8460BA-B-IS1 SILABS-Si8460BA-B-IS1 Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI8460BA-B-IS1 SKYWORKS-SI8460BA-B-IS1 Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
More results

Similar Description - SI8460BA-B-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
   Low Power Six-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI846X SKYWORKS-SI846X Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
logo
Silicon Laboratories
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850 MAXIM-MAX14850_V01 Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com