Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHHD003A0A Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SHHD003A0A
Description  SHHD003A0A Hammerhead* Series; DC-DC Converter Power Modules 18-75Vdc Input; 5.0Vdc, 3A, 15W Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHHD003A0A Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SHHD003A0A Datasheet HTML 4Page - List of Unclassifed Manufacturers SHHD003A0A Datasheet HTML 5Page - List of Unclassifed Manufacturers SHHD003A0A Datasheet HTML 6Page - List of Unclassifed Manufacturers SHHD003A0A Datasheet HTML 7Page - List of Unclassifed Manufacturers SHHD003A0A Datasheet HTML 8Page - List of Unclassifed Manufacturers SHHD003A0A Datasheet HTML 9Page - List of Unclassifed Manufacturers SHHD003A0A Datasheet HTML 10Page - List of Unclassifed Manufacturers SHHD003A0A Datasheet HTML 11Page - List of Unclassifed Manufacturers SHHD003A0A Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
GE
Data Sheet
SHHD003A0A Hammerhead Series; DC-DC Converter Power Modules
18-75Vdc Input; 5.0Vdc, 3A, 15W Output
June 26, 2013
©2012 General Electric Company. All rights reserved.
Page 8
Feature Descriptions (continued)
Vout+
TRIM
Vout-
Radj-up
RLOAD
Vin+
ON/OFF
Vin-
Figure 12. Circuit Configuration to Increase Output Voltage.
The SHHD power modules have a fixed current-limit set point.
Therefore, as the output voltage is adjusted down, the
available output power is reduced.
Trim Examples
For SHHD003A0A, nominal 5.0V module. To trim module down
to 4.90V:
2050
)
9
.
4
0
.
5
(
5110
)
5
.
2
9
.
4
(
down
adj
R
590
,
120
down
adj
R
Thermal Considerations
The power modules operate in a variety of thermal
environments; however, sufficient cooling should be provided
to help ensure reliable operation.
Considerations include ambient temperature, airflow, module
power dissipation, and the need for increased reliability. A
reduction in the operating temperature of the module will
result in an increase in reliability.
The thermal data presented here is based on physical
measurements taken in a wind tunnel, using automated
thermo-couple instrumentation to monitor key component
temperatures: FETs, diodes, control ICs, magnetic cores,
ceramic capacitors, opto-isolators, and module pwb
conductors, while controlling the ambient airflow rate and
temperature. For a given airflow and ambient temperature, the
module output power is increased, until one (or more) of the
components reaches its maximum derated operating
temperature, as defined in IPC-9592A. This procedure is then
repeated for a different airflow or ambient temperature until a
family of module output derating curves is obtained.
Figure 13. Thermal Test Setup .
LOCAL AMBIENT TEMPERATURE, TA (C)
Figure 14. Output Current Derating for the Open Frame
SHHD003A0A in the Transverse Orientation; Airflow
Direction from Vin(-) to Vin(+); Vin = 24V.
LOCAL AMBIENT TEMPERATURE, TA (C)
Figure 15. Output Current Derating for the Open Frame
SHHD003A0A in the Transverse Orientation; Airflow
Direction from Vin(-) to Vin(+); Vin = 48V.
The thermal reference point, Tref used in the specifications is
shown in Figure 16. For reliable operation this temperature
should not exceed 111oC.


Similar Part No. - SHHD003A0A

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SHH-1B4532-132 SUMIDA-SHH-1B4532-132 Datasheet
366Kb / 3P
   Multilayer Chip Ferrite Beads
SHH-1M1005-100 SUMIDA-SHH-1M1005-100 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
SHH-1M1005-102 SUMIDA-SHH-1M1005-102 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
SHH-1M1005-221 SUMIDA-SHH-1M1005-221 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
SHH-1M1005-471 SUMIDA-SHH-1M1005-471 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
More results

Similar Description - SHHD003A0A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
Lineage Power Corporati...
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z_09 Datasheet
416Kb / 24P
   SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
ESTW015A0A LINEAGEPOWER-ESTW015A0A Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc, 15A, 75W Output
QBVW025A0B LINEAGEPOWER-QBVW025A0B Datasheet
1Mb / 18P
   QBVW025A0B Series Power Modules; DC-DC Converters 36-75Vdc Input; 12Vdc Output; 25A Output Current
ver 1.3 May 16, 2012
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
EBVW006A0B LINEAGEPOWER-EBVW006A0B Datasheet
1Mb / 18P
   EBVW006A0B Series (Eighth-Brick) DC-DC Converter Power Modules 36 - 75Vdc Input; 12V/6AdcOutput
ver. 1.1 September 14, 2012
logo
Mean Well Enterprises C...
SD-15 MEANWELL-SD-15_11 Datasheet
265Kb / 2P
   15W Single Output DC-DC Converter
SD-15 MEANWELL-SD-15_11 Datasheet
265Kb / 2P
   15W Single Output DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com