Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC2512JK-0747KL Datasheet(PDF) 4 Page - YAGEO Corporation

Part # RC2512JK-0747KL
Description  GENERAL PURPOSE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC2512JK-0747KL Datasheet(HTML) 4 Page - YAGEO Corporation

  RC2512JK-0747KL Datasheet HTML 1Page - YAGEO Corporation RC2512JK-0747KL Datasheet HTML 2Page - YAGEO Corporation RC2512JK-0747KL Datasheet HTML 3Page - YAGEO Corporation RC2512JK-0747KL Datasheet HTML 4Page - YAGEO Corporation RC2512JK-0747KL Datasheet HTML 5Page - YAGEO Corporation RC2512JK-0747KL Datasheet HTML 6Page - YAGEO Corporation RC2512JK-0747KL Datasheet HTML 7Page - YAGEO Corporation RC2512JK-0747KL Datasheet HTML 8Page - YAGEO Corporation RC2512JK-0747KL Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Oct 20, 2009 V.4
Product specification
4
9
SERIES
RC
2512 (RoHS Compliant)
CONSTRUCTION
The resistor is constructed on top
of a high-grade ceramic body.
Internal metal electrodes are added
on each end to make the contacts to
the thick film resistive element. The
composition of the resistive element
is a noble metal imbedded into a
glass and covered by a second glass
to prevent environment influences.
The resistor is laser trimmed to the
rated resistance value. The resistor
is covered with a protective epoxy
coat, finally the two external
terminations (matte tin on Ni-
barrier) are added. See fig.3
DIMENSIONS
TYPE
RC2512
L (mm)
6.35 ± 0.10
W (mm)
3.10 ± 0.15
H (mm)
0.55 ± 0.10
I1 (mm)
0.60 ± 0.20
I2 (mm)
0.50 ± 0.20
Table 1
overcoat
Primary glass layer
resistive layer
(Jumper chip is a conductor)
inner electrode
termination (Ni/matte tin)
ceramic substrate
H
I2
YNSC066
overcoat
W
L
I1
marking layer
O
OU
UT
TL
LIIN
NE
ES
S
For dimension see Table 1
Fig. 3 Chip resistor outlines
MARKING
RC2512
E-24 series: 3 digits
First two digits for significant figure and 3rd digit for number of zeros
Both E-24 and E-96 series: 4 digits
First three digits for significant figure and 4th digit for number of zeros
For further marking information, please see special data sheet “Chip resistors marking”.
Fig. 1
Value=10 KΩ
YNSC001
03
Fig. 2 Value=10 KΩ
YNSC004
00


Similar Part No. - RC2512JK-0747KL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC2512JK-07430RL ETC2-RC2512JK-07430RL Datasheet
432Kb / 9P
   This specification describes RC2512 series chip resistors with lead-free terminations made by thick film process.
More results

Similar Description - RC2512JK-0747KL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com