Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL7301 Datasheet(PDF) 4 Page - Etron Technology, Inc.

Part No. EL7301
Description  single chip solution included a triple-channel ADC, two PLL circuits, one internal On Screen Display (OSD), sophisticated filter and the most advanced
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EL7301 Datasheet(HTML) 4 Page - Etron Technology, Inc.

  EL7301 Datasheet HTML 1Page - Etron Technology, Inc. EL7301 Datasheet HTML 2Page - Etron Technology, Inc. EL7301 Datasheet HTML 3Page - Etron Technology, Inc. EL7301 Datasheet HTML 4Page - Etron Technology, Inc. EL7301 Datasheet HTML 5Page - Etron Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EL7301
OSD engine
Micro-controller interface
Programmable RGB output
Technology / Package
Applications
On-chip OSD engine with a 128K-bit fully programmable bit-map memory, resolution up to
32K pixels/16-color format
Support for optional external OSD
3
Support for 8-bit parallel (8051 compatible)/serial host interface
PWM outputs for simplified inverter brightness control
Resolution up to 1280x1024 (SXGA).
Available for SVGA , XGA & SXGA TFT-LCD panels
Single/dual-pixel digital RGB output
Staggered data output
Pixel clocks inverse and delay adjustment
Driving current programmable to simplify EMI design
Spread spectrum to disturb clock period for panel's EMI solution
Both support 8/6-bit resolution panels
Support for single/dual-pixel/clock panel interfaces
0.25 gm CMOS technology
160-pin PQFP packaging
Digital/ Analog LCD Monitors
Digital/ Analog LCD Projectors
LCD TVs
Flat Panel Display
u


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
EL7300 highly integrated single chip solution for the Flat Panel Display applications 1  2  3  4  5  Etron Technology, Inc.
LC86F1216A 8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip  1  2  3  4  5  More Sanyo Semicon Device
BQ2057DGKR ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER 1  2  3  4  5  More Texas Instruments
M37100M8 SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M37102M8 SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M5913 COMBINED SINGLE CHIP PCM CODEC AND FILTER 1  2  3  4  5  More STMicroelectronics
MAX1196 Dual 8-Bit 40Msps 3V Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs 1  2  3  4  5  More Maxim Integrated Products
LTS-3406LE The LTS-3406LE is a 0.8 inch 20.32 mm digit height single digit seven-segment display 1  2  3  4  5  Lite-On Technology Corporation
ISL6421A Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs 1  2  3  4  5  More Intersil Corporation
M35062 SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS     1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn