Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL7301 Datasheet(PDF) 3 Page - Etron Technology, Inc.

Part No. EL7301
Description  single chip solution included a triple-channel ADC, two PLL circuits, one internal On Screen Display (OSD), sophisticated filter and the most advanced
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EL7301 Datasheet(HTML) 3 Page - Etron Technology, Inc.

  EL7301 Datasheet HTML 1Page - Etron Technology, Inc. EL7301 Datasheet HTML 2Page - Etron Technology, Inc. EL7301 Datasheet HTML 3Page - Etron Technology, Inc. EL7301 Datasheet HTML 4Page - Etron Technology, Inc. EL7301 Datasheet HTML 5Page - Etron Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EL7301
Features & Applications
Analog RGB input:
Digital RGB inputs
Auto detection / Auto adjustment
Engine
Integrated three channel 8-bit resolution ADCs and pre-amplifiers for analog-RGB up to SXGA 1280
*1024 @ 75Hz
On-chip high performance PLLs
Sync on Green (SoG)
2
Additional data port support digital or video data input
DVI digital input single 24-bit RGB pixel up to 135 MHz
Video display through digital input port
De-interlace function for video signal
5V-tolerance input pads
Support for H/V sync interrupt and timing measurement function for mode detection
Auto-adjustment functions for frequencies, phases, positions and white-balance
Advanced scaling algorithm for excellent image quality
Programmable independent horizontal/vertical expansion zooming engine for scaling up and
scaling down
Support for Fidelity mode without frame buffers required.
Specialized adaptive filters for crisp images
On-chip digital brightness, contrast and per color 10-bit gamma table adjustment
Two-dimension dithering function
Support for dithering function for 6-bit panels
Provide 16 build-in test pattern for system burn-in testing purpose


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
EL7300 highly integrated single chip solution for the Flat Panel Display applications 1  2  3  4  5  Etron Technology, Inc.
LC86F1216A 8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip  1  2  3  4  5  More Sanyo Semicon Device
BQ2057DGKR ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER 1  2  3  4  5  More Texas Instruments
M37100M8 SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M37102M8 SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M5913 COMBINED SINGLE CHIP PCM CODEC AND FILTER 1  2  3  4  5  More STMicroelectronics
MAX1196 Dual 8-Bit 40Msps 3V Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs 1  2  3  4  5  More Maxim Integrated Products
LTS-3406LE The LTS-3406LE is a 0.8 inch 20.32 mm digit height single digit seven-segment display 1  2  3  4  5  Lite-On Technology Corporation
ISL6421A Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs 1  2  3  4  5  More Intersil Corporation
M35062 SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS     1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn