Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPTB00050 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # NPTB00050
Description  Gallium Nitride 28V, 50W RF Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPTB00050 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  NPTB00050 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPTB00050 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPTB00050 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPTB00050 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPTB00050 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPTB00050 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPTB00050 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPTB00050 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NDS-007 Rev 6, April 2013
NPTB00050
Page 6
NPTB00050
Not recommended for new designs
Contact applications@nitronex.com for questions or support
Figure 7 - NPTB00050 3000MHz Test Fixture
Table 2: NPTB00050 3000MHz Test Fixture Bill of Materials
Name
Value
Vendor
Vendor Number
C1
150uF
Nichicon
UPW1C151MED
C10
270uF
United Chmi-Con
ELXY630ELL271MK25S
C3, C7
0.01uF
AVX
12061C103KAT2A
C2, C8
0.1uF
Kemet
C1206C104K1RACTU
C4, C9
1.0 uF
Panasonic
ECJ-5YB2A105M
C5, C6, C12
5.6pF
ATC
ATC600F5R6CT
C11
1.8pF
ATC
ATC600F1R8AT
C13
0.7pF
ATC
ATC600F0R7AT
R2
33 ohm
Panasonic
ERJ-6ENF33R0V
R3
0.33 ohm
Panasonic
ERJ-6RQFR33V
Substrate
-
Taconic
RF35, t=30mil, er=3.5
V GATE
V DRAIN
RF OUT
RF IN
Nitronex
NPTB00050
8/01/2006
VGS
RFIN
VDS
RFOUT
NPTB00050, 3000MHz CW Production Test Fixture
VDS=28V, IDQ=450mA, TA=25°C unless otherwise noted. Additional design information and data available at www.nitronex.com.
TL1
60mils
250mils
TL5
65mils
600mils
TL5
65mils
600mils
C1
+
NPTB00050
TL2
349mils
240mils
C12
C13
R2
TL3
368mils
297mils
C6
R3
C10
+
C8
C9
C7
VDS
TL4
65mils
1040mils
RFOUT
C11
C5
VGS
RFIN
C4
C3
C2


Similar Part No. - NPTB00050

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPTB00050 MA-COM-NPTB00050_15 Datasheet
510Kb / 8P
   50W RF Power Transistor
More results

Similar Description - NPTB00050

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1004 MA-COM-NPT1004 Datasheet
541Kb / 6P
   Gallium Nitride 28V, 45W RF Power Transistor
logo
List of Unclassifed Man...
NPT1010 ETC2-NPT1010 Datasheet
1Mb / 10P
   Gallium Nitride 28V, 100W RF Power Transistor
NPT35050A ETC2-NPT35050A Datasheet
673Kb / 10P
   Gallium Nitride 28V, 65W RF Power Transistor
NPT35015 ETC2-NPT35015 Datasheet
716Kb / 10P
   Gallium Nitride 28V, 18W RF Power Transistor
logo
M/A-COM Technology Solu...
NPT1012 MA-COM-NPT1012 Datasheet
1,019Kb / 8P
   Gallium Nitride 28V, 25W RF Power Transistor
NPT25015 MA-COM-NPT25015 Datasheet
624Kb / 8P
   Gallium Nitride 28V, 23W RF Power Transistor
NPT35050A MA-COM-NPT35050A Datasheet
673Kb / 10P
   Gallium Nitride 28V, 65W RF Power Transistor
NPTB00004 MA-COM-NPTB00004 Datasheet
953Kb / 10P
   Gallium Nitride 28V, 5W RF Power Transistor
NPT1007 MA-COM-NPT1007 Datasheet
1,018Kb / 7P
   Gallium Nitride 28V, 200W RF Power Transistor
logo
List of Unclassifed Man...
NPT1007 ETC2-NPT1007 Datasheet
1,018Kb / 7P
   Gallium Nitride 28V, 200W RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com