Electronic Components Datasheet Search |
|
ECQE2104 Datasheet(PDF) 2 Page - Panasonic Semiconductor |
|
ECQE2104 Datasheet(HTML) 2 Page - Panasonic Semiconductor |
2 / 19 page Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. −FC33− Plastic Film Capacitors ■Dimensions in mm (not to scale) Cut lead ■Packaging Specifications for Bulk Package Packing quantity:100 pcs./bag ■Taping Specifications for Automatic Insertion ●Taping style ❈Refer to the page of taping specifications. 100 VDC 250 VDC 400 VDC 630 VDC 1000 VDC 1250 VDC 125 VAC 250 VAC ECQE (F) AD AS AB BC D E 0.56 to 0.68 ○ Ammo ( ) F3 0.82 to 1.0 ○ Ammo ( ) F3 1.2 to 3.3 ○ Ammo ( ) F3 1.2 to 3.3 ○ Ammo R( ) F 0.010 to 0.27 ○ Ammo ( ) F3 0.33 ○ Ammo ( ) F3 0.39 to 1.5 ○ Ammo ( ) F3 0.010 to 0.33 ○ Ammo R( ) F 0.39 to 1.5 ○ Ammo R( ) F 0.010 to 0.10 ○ Ammo ( ) F3 0.12 to 0.47 ○ Ammo ( ) F3 0.010 to 0.10 ○ Ammo R( ) F 0.12 to 0.47 ○ Ammo R( ) F 0.0010 to 0.033 ○ Ammo ( ) F3 0.039 to 0.047 ○ Ammo ( ) F3 0.056 to 0.22 ○ Ammo ( ) F3 0.0010 to 0.047 ○ Ammo R( ) F 0.056 to 0.22 ○ Ammo R( ) F 0.010 to 0.10 ○ Ammo R( ) F 0.0010 to 0.022 ○ Ammo R( ) F 0.010 to 0.068 ○ Ammo ( ) F6 0.010 to 0.068 ○ Ammo R( ) F 0.010 to 0.033 ○ Ammo ( ) F6 0.010 to 0.047 ○ Ammo R( ) F 0.056 to 0.22 ○ Ammo R( ) F ●Packaging Specifications Cap. range (µF) Taping style Packing suffix Rated volt. Type Style AD AB B C D E Lead Spacing 5.0 mm 5.0 mm 5.0 mm 5.0 mm 7.5 mm 7.5 mm ❈See the column “Rating, Dimensions & Quantity Box” for packing quantity. ●Lead Spacing p Œ ¯ ¶ ‚ /P33-52 12.11.14 19:29 y [ W 33 |
Similar Part No. - ECQE2104 |
|
Similar Description - ECQE2104 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |