Electronic Components Datasheet Search |
|
ECQE2123 Datasheet(PDF) 7 Page - Panasonic Semiconductor |
|
ECQE2123 Datasheet(HTML) 7 Page - Panasonic Semiconductor |
7 / 19 page Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. −FC38− Plastic Film Capacitors ■Rating, Dimensions & Quantity/Ammo Box ●Rated voltage : 1250 VDC, Note) 125 VAC, Capacitance tolerance : ±5 %(J), ±10 %(K) Note) This type has two rated voltage, one is DC rated voltage another is AC rated voltage.. DC rated voltage is 1250 V, AC rated voltage is 125 V. Making for rated voltage is 「1250 V, 125 V 」 When capacitors use in secondary side of power source, and in case of applying voltage in altering current (50 Hz or 60 Hz sine wave) to a capacitor, please refer to the page of ''Permissible voltage (R.M.S) in altering current corresponding to DC rated voltage''. When capacitors use in primary side of power source, the rated voltage is shown 125 VAC. Voltage to be applied to capacitors in only sine wave (50 Hz or 60 Hz). AC rated capacitors complying with clause 1 of ''Electrical Appliance and Material Safety Law''. And not complying with clause 2 of ''Electrical Appliance and Material Safety Law'', in this case please use ECQUL type or ECQUG type Style D: 0.0010 µF to 0.0068 µF Style B: 0.0082 µF to 0.22 µF Part No. 0.0010 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0012 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0015 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0018 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0022 15.5 6.0 11.5 16.5 12.5 10.0 1.0 0.60 0.0027 15.5 6.5 12.0 17.0 12.5 10.0 1.0 0.60 0.0033 15.5 6.0 11.5 16.5 12.5 10.0 1.0 0.60 0.0039 15.5 6.5 12.0 17.0 12.5 10.0 1.0 0.60 0.0047 15.5 7.0 12.5 17.5 12.5 10.0 1.0 0.60 0.0056 15.5 7.5 13.0 18.0 12.5 10.0 1.0 0.60 0.0068 15.5 7.5 15.0 20.0 12.5 10.0 1.0 0.60 0.0082 21.0 5.0 12.0 17.0 17.5 12.5 1.0 0.60 0.010 21.0 5.0 12.5 17.5 17.5 12.5 1.0 0.60 0.012 21.0 5.5 13.0 18.0 17.5 12.5 1.0 0.60 0.015 21.0 6.0 13.5 18.5 17.5 12.5 1.0 0.60 0.018 21.0 6.5 14.5 19.5 17.5 12.5 1.0 0.80 0.022 21.0 7.0 15.0 20.0 17.5 12.5 1.0 0.80 0.027 26.0 6.0 15.5 20.5 22.5 17.5 1.0 0.80 0.033 26.0 6.5 16.0 21.0 22.5 17.5 1.0 0.80 0.039 26.0 7.0 16.5 21.5 22.5 17.5 1.0 0.80 0.047 26.0 8.0 17.0 22.0 22.5 17.5 1.0 0.80 0.056 31.0 7.5 17.0 22.0 27.5 22.5 1.0 0.80 0.068 31.0 8.0 17.5 22.5 27.5 22.5 1.0 0.80 0.082 31.0 9.0 18.5 23.5 27.5 22.5 1.0 0.80 0.10 31.0 10.0 19.5 24.5 27.5 22.5 1.0 0.80 0.12 31.0 11.5 20.5 25.5 27.5 22.5 1.5 0.80 0.15 31.0 12.0 23.0 28.0 27.5 22.5 1.5 0.80 0.18 31.0 13.0 24.5 29.5 27.5 22.5 1.5 0.80 0.22 31.0 14.5 26.5 31.5 27.5 22.5 1.5 0.80 ECQE12102 □F() ECQE12122 □F() ECQE12152 □F() ECQE12182 □F() ECQE12222 □F() ECQE12272 □F() ECQE12332 □F() ECQE12392 □F() ECQE12472 □F() ECQE12562 □F() ECQE12682 □F() ECQE12822 □F() ECQE12103 □F() ECQE12123 □F() ECQE12153 □F() ECQE12183 □F() ECQE12223 □F() ECQE12273 □F() ECQE12333 □F() ECQE12393 □F() ECQE12473 □F() ECQE12563 □F() ECQE12683 □F() ECQE12823 □F() ECQE12104 □F() ECQE12124 □F() ECQE12154 □F() ECQE12184 □F() ECQE12224 □F() Cap. (µF) Min. order Q'ty 500 400 500 Dimensions (mm) L max. T max. ø d 7.5 mm H max. Straight Crimped lead Straight F Crimped lead S Straight G max. Bulk Taping 500 Suffix for lead crimped or taped type. Cap. tol. code ▲ ▲ p Œ ¯ ¶ ‚ /P33-52 12.11.14 19:29 y [ W 38 |
Similar Part No. - ECQE2123 |
|
Similar Description - ECQE2123 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |