Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQE2104 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECQE2104
Description  Metallized Polyester Film Capacitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE2104 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECQE2104 Datasheet HTML 1Page - Panasonic Semiconductor ECQE2104 Datasheet HTML 2Page - Panasonic Semiconductor ECQE2104 Datasheet HTML 3Page - Panasonic Semiconductor ECQE2104 Datasheet HTML 4Page - Panasonic Semiconductor ECQE2104 Datasheet HTML 5Page - Panasonic Semiconductor ECQE2104 Datasheet HTML 6Page - Panasonic Semiconductor ECQE2104 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC44−
Plastic Film Capacitors
■ Rating, Dimensions & Quantity/Ammo Box
● Rated voltage : 125 VAC Capacitance tolerance : ±5 %(J), ±10 %(K)
Style D: 0.082 µF to 0.68 µF
Style B: 0.82 µF to 4.7 µF
Suffix for lead crimped or taped type.
Cap. tol. code
Table 1
Notice for AC rated
AC rated capacitors complying with clause 1 of ''Electrical Appliance and Material Safety Law''.
As for clause 2 of ''Electrical Appliance and Material Safety Law'', please use ECQUL type or ECQUG type.
When using these capacitors as a across-the-line capacitor, it shall be required to follow either item 1. or item 2. condition.
1. Capacitor shall be connected in parallel with varistor (Specified varistor voltage in table 1.)
2. Voltage applied for capacitor shall not exceed other than specified in table 1, when using these capacitors.
Cap. Rated Voltage
125 VAC
Varistor voltage
250 V
Pulse voltage
250 V0–P
Part No.
Cap.
(µF)
Dimensions (mm)
ø d
ECQE1A103
□B() 0.010
7.9
4.2
7.1
5.0
0.50
ECQE1A123
□B() 0.012
7.9
4.2
7.1
5.0
0.50
ECQE1A153
□B() 0.015
7.9
4.2
7.1
5.0
0.50
ECQE1A183
□B() 0.018
7.9
4.3
7.2
5.0
0.50
ECQE1A223
□B() 0.022
7.9
4.3
7.2
5.0
0.50
ECQE1A273
□B() 0.027
7.9
4.3
7.2
5.0
0.50
ECQE1A333
□B() 0.033
7.9
4.3
7.2
5.0
0.50
ECQE1A393
□B() 0.039
7.9
4.5
7.4
5.0
0.50
ECQE1A473
□B() 0.047
7.9
4.8
7.7
5.0
0.50
ECQE1A563
□B() 0.056
7.9
5.1
8.0
5.0
0.50
ECQE1A683
□B() 0.068
7.9
5.4
8.6
5.0
0.50
ECQE1A823
□B() 0.082
10.3
4.6
7.6
12.6
7.5
7.5
0.50
ECQE1A104
□B() 0.10
10.3
5.1
7.7
12.7
7.5
7.5
0.50
ECQE1A124
□B() 0.12
10.3
5.3
8.4
13.4
7.5
7.5
0.50
ECQE1A154
□B() 0.15
10.3
5.7
8.9
13.9
7.5
7.5
0.50
ECQE1A184
□B() 0.18
10.3
5.6
10.3
15.3
7.5
7.5
0.50
ECQE1A224
□B() 0.22
10.3
6.1
11.0
16.0
7.5
7.5
0.50
ECQE1A274
□B() 0.27
12.3
5.4
10.7
15.7
10.0
7.5
0.60
ECQE1A334
□B() 0.33
12.3
5.9
11.2
16.2
10.0
7.5
0.60
ECQE1A394
□B() 0.39
12.3
6.4
11.6
16.6
10.0
7.5
0.60
ECQE1A474
□B() 0.47
12.3
7.0
12.2
17.2
10.0
7.5
0.60
ECQE1A564
□B() 0.56
12.3
6.7
11.9
16.9
10.0
7.5
0.60
ECQE1A684
□B() 0.68
12.3
7.3
12.7
17.7
10.0
7.5
0.60
ECQE1A824
□B() 0.82
15.3
6.3
13.3
18.3
12.5
7.5
0.60
ECQE1A105
□B() 1.0
15.3
7.0
14.0
19.0
12.5
7.5
0.60
ECQE1A125
□B() 1.2
20.8
7.1
14.1
19.1
17.5
10.0
0.80
ECQE1A155
□B() 1.5
20.8
8.0
15.1
20.1
17.5
10.0
0.80
ECQE1A185
□B() 1.8
20.8
8.7
15.9
20.9
17.5
10.0
0.80
ECQE1A225
□B() 2.2
20.8
9.7
17.1
22.1
17.5
10.0
0.80
ECQE1A275
□B() 2.7
20.8
10.9
18.2
23.2
17.5
10.0
0.80
ECQE1A335
□B() 3.3
25.8
9.6
18.7
23.7
22.5
15.0
0.80
ECQE1A395
□B() 3.9
25.8
10.6
19.7
24.7
22.5
15.0
0.80
ECQE1A475
□B() 4.7
25.8
11.8
20.8
25.8
22.5
15.0
0.80
L max.
T max.
2000
――
1500
1000
――
800
700
600
500
900
――
――
――
1500
1000
600
1000
500
900
600
500
500
500
400
300
400
400
300
H max.
Straight Crimped lead Straight
F
Crimped lead
S
500
Min. order Q'ty
Taping
Standard
5 mm
Odd size
5 mm
Odd size
7.5 mm
Bulk
p Œ ¯ ¶
‚ /P33-52
12.11.14 19:29
y [ W
44


Similar Part No. - ECQE2104

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE2104 PANASONIC-ECQE2104 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2104 PANASONIC-ECQE2104 Datasheet
352Kb / 19P
   Plastic Film Capacitors
ECQE2104 PANASONIC-ECQE2104 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2104 PANASONIC-ECQE2104 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2104 PANASONIC-ECQE2104 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
More results

Similar Description - ECQE2104

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com