Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA60-304 Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSA60-304
Description  PSA60 Series Switching power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA60-304 Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSA60-304 Datasheet HTML 1Page - Phihong USA Inc. PSA60-304 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSA60 Characteristics
WWW.PHIHONG.COM
Input:
AC Input Voltage Rating
100 to 240V AC
AC Input Voltage Range
90 to 260V AC
AC Input Frequency
47 to 63Hz
Input Current
2.0A maximum
Leakage Current
0.75mA maximum at 240V AC, 50Hz
Inrush Current
15A for 120V AC
30A for 240V AC
Hold-up Time
10mS at normal load and 120V AC
Output:
Efficiency
70% typical at normal load and 120V AC
Over-Voltage Protection
>120% maximum
Over-Current Protection
Short circuit protection – auto restart
Environmental:
Temperature
Operation
0 to 50°C
Non-operation
-25 to +85°C
Humidity
Operation
5 to 95% non-condensing
Emissions
FCC Class B
VFG 243
General:
Insulation Resistance
Input to output: 7M ohm
Dielectric Withstand (Hi-pot) Test
Input to output 2200V DC for 1 minute, 10mA
Switching Frequency
50KHz typical
MTBF (Full load and ambient 25°C)
50K Hrs
Dimension Diagram Unit: mm (inch)


Similar Part No. - PSA60-304

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA60-304 PHIHONG-PSA60-304 Datasheet
184Kb / 2P
   Switching Power Supply
More results

Similar Description - PSA60-304

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA150U-240 PHIHONG-PSA150U-240 Datasheet
908Kb / 2P
   Switching Power Supply Series
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com