Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA60R-240 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSA60R-240
Description  PSA60R Adapter Series Meets EISA and Ecodesign Regulations
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA60R-240 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSA60R-240 Datasheet HTML 1Page - Phihong USA Inc. PSA60R-240 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Revised 11/21/2011
WWW.PHIHONG.COM
60W Interchangeable Clip Wall Plug Series
PSA60R Adapter Series Meets EISA and Ecodesign Regulations
Features
 Class B EMI
 Efficiency Level V
 Very low leakage
 EISA Compliant
 Ecodesign ErP Directive Compliant
 Interchangeable AC Clips
 Double Insulated
 No load power saving
Applications
 Portable Equipment
 Networking
 Gaming Machines
 Peripherals
Safety Approvals
 CE
 cUL/UL
 SAA
 C-Tick
Mechanical Characteristics
 Length: 103mm (4.06in)
 Height: 40mm (1.57in)
 Width: 66mm (2.59in)
 Weight: 270g (9.5oz)
Output Specifications
Note (1): Measured with by-pass capacitors 0.1uf/10uf at output connector terminal and oscilloscope set at 20MHz.
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for the
most up-to-date specifications and contact information.
Model
DC Output
Voltage
Load
Ripple
(1)
Efficiency
Min.
Max.
P-P (max.)
Level
PSA60R-120
12V
0A
5.0A
150mV
PSA60R-240
24V
0A
2.5A
240mV
PSA60R-560
56V
0A
1.07A
560mV


Similar Part No. - PSA60R-240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSA60 STMICROELECTRONICS-PSA60 Datasheet
97Kb / 3P
   PSA digital multi-satellite controller
March 2018 Rev 1
logo
Phihong USA Inc.
PSA60-105 PHIHONG-PSA60-105 Datasheet
184Kb / 2P
   Switching Power Supply
PSA60-105 PHIHONG-PSA60-105 Datasheet
103Kb / 2P
   PSA60 Series Switching power Supply
PSA60-105 PHIHONG-PSA60-105_14 Datasheet
103Kb / 2P
   PSA60 Series Switching power Supply
PSA60-112 PHIHONG-PSA60-112 Datasheet
184Kb / 2P
   Switching Power Supply
More results

Similar Description - PSA60R-240

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAA18U-120L6 PHIHONG-PSAA18U-120L6 Datasheet
61Kb / 2P
   18 Watt Universal 3-Wire Input Adapter PSAA18U Adapter Meets EISA and Ecodesign Requirements
PSM36W-120-TW2 PHIHONG-PSM36W-120-TW2 Datasheet
123Kb / 2P
   36 Watt Universal 2-Wire Input Adapter PSM36W Adapter Series Meets CEC and EISA Requirements
PSAA06A-120L6 PHIHONG-PSAA06A-120L6 Datasheet
1Mb / 2P
   6W Adapter Meets Level VI Requirements
PSM03E-050Q PHIHONG-PSM03E-050Q Datasheet
58Kb / 2P
   2.75W Compact Fixed Blade Charger (Europe) Ecodesign Compliant USB Adapter
PSC15R-075 PHIHONG-PSC15R-075 Datasheet
426Kb / 2P
   15W Interchangeable Plug Series PSC15R Adapter Series Meets Level VI requirements
PSM03K-050Q PHIHONG-PSM03K-050Q Datasheet
109Kb / 2P
   2.75W Compact Fixed Blade Charger (United Kingdom) Ecodesign Compliant USB Adapter
PSAA12A-120L6 PHIHONG-PSAA12A-120L6 Datasheet
125Kb / 3P
   12W Wall Plug Adapter PSAA12A-120L6 Adapter Meets Level VI Requirements
PSA120U-240L6 PHIHONG-PSA120U-240L6 Datasheet
142Kb / 3P
   120 Watt Universal 3-Wire Input Adapter Meets Level VI Efficiency PSA120U Adapter Series
PSM36W-120L6 PHIHONG-PSM36W-120L6 Datasheet
638Kb / 2P
   36 Watt Universal 2-Wire Input Adapter PSM36W Adapter Series meets Level VI Requirements
PSAC18A-120L6 PHIHONG-PSAC18A-120L6 Datasheet
1Mb / 2P
   18 Watt Fixed Wall Plug Series Adapter Meets Level VI Requirements
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com