Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA25L-201 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSA25L-201
Description  25 Watt Single and Multiple Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA25L-201 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSA25L-201 Datasheet HTML 1Page - Phihong USA Inc. PSA25L-201 Datasheet HTML 2Page - Phihong USA Inc. PSA25L-201 Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised 10/16/2013
WWW.PHIHONG.COM
25 Watt Single and Multiple Output
PSA25L Compact Open Frames
Features
 3.6” x 2.48” Footprint
 Low Cost
 Low Profile fits 1U Height Requirement
 Over Voltage and Short Circuit Protections
Applications
 Networking
 Peripherals and Terminals
 Compact Equipment
 Microcomputers
Safety Approvals
 cUL/UL
 CE (Low Voltage Directive)
 TUV
Mechanical Characteristics
 Length: 91.5mm (3.6in)
 Height: 29mm (1.14in)
33.5mm(1.32in) for PSA25L-301
 Width: 63mm (2.48in)
 Weight: 150g (5.33oz.)
Output Specifications
*Minimum order quantity of 2000 pieces when ordering this model
**Measured by using a 12 inch twisted pair terminal with a 10uF capacitor and a 0.1uF ceramic capacitor in parallel.
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for the
most up-to-date specifications and contact information.
Model
DC Output
Voltage
Load
Ripple**
Regulation
Min.
Max.
P-P (max.)
Line
Load
PSA25L-033*
+3.3V
0.05A
5A
50mV
±50mV
±100mV
PSA25L-050*
+5V
0.05A
4A
50mV
±50mV
±100mV
PSA25L-120*
+12V
0.05A
2A
120mV
±50mV
±100mV
PSA25L-150*
+15V
0.05A
1.7A
150mV
±50mV
±100mV
PSA25L-240*
+24V
0.05A
1A
240mV
±50mV
±100mV
PSA25L-201*
+5V
0.2A
2.6A
50mV
±3%
±5%
+12V
0A
1A
120mV
±3%
±5%
PSA25L-202*
+5V
0.2A
2.6A
50mV
±1%
±2%
+24V
0A
0.5A(1A PK)
240mV
±1%
±2%
PSA25L-301*
+5V
0.2A
2A
50mv
±1%
±5%
+12V
0.1A
1A
120mV
±1%
±10%
-12V
0A
0.3A
120mV
±1%
±5%


Similar Part No. - PSA25L-201

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA25L-201 PHIHONG-PSA25L-201 Datasheet
99Kb / 3P
   25 Watt Single and Multiple Output
More results

Similar Description - PSA25L-201

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA25L-033 PHIHONG-PSA25L-033 Datasheet
99Kb / 3P
   25 Watt Single and Multiple Output
logo
SL Power Electronics
GPC80 SLPOWER-GPC80 Datasheet
332Kb / 2P
   80 Watt Global Single and Multiple Output Performance Switchers
logo
Recom International Pow...
RACD25-A RECOM-RACD25-A Datasheet
106Kb / 2P
   25 Watt PFC Single Output
RACT25 RECOM-RACT25 Datasheet
389Kb / 5P
   25 Watt TRIAC Dimmable Single Output
logo
SL Power Electronics
GLD140 SLPOWER-GLD140 Datasheet
141Kb / 2P
   140 Watt Multiple Output
GLD150 SLPOWER-GLD150 Datasheet
242Kb / 2P
   150 Watt Multiple Output
logo
Recom International Pow...
RAC25-K-480 RECOM-RAC25-K-480 Datasheet
4Mb / 7P
   25 Watt 3.2 x 1.8 Single Output
REV.: 0/2022
logo
CINCON ELECTRONICS Corp...
LDL25 CINCON-LDL25 Datasheet
503Kb / 2P
   25 WATT SINGLE OUTPUT LED POWER SUPPLY
logo
SL Power Electronics
MAX-500 SLPOWER-MAX-500 Datasheet
120Kb / 2P
   MAX-500 Multiple Watt Output
logo
Power-One
OBD025YGG POWER-ONE-OBD025YGG Datasheet
76Kb / 3P
   DUAL OUTPUT, 25 WATT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com