Electronic Components Datasheet Search |
|
S2006FS31 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers |
|
S2006FS31 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 12 page Data Sheets Sensitive SCRs ©2004 Littelfuse, Inc. E5 - 7 http://www.littelfuse.com Thyristor Product Catalog +1 972-580-7777 Figure E5.4 Maximum Allowable Case Temperature versus Average On-state Current Figure E5.5 Maximum Allowable Ambient Temperature versus On-state Current Figure E5.6 Maximum Allowable Ambient Temperature versus RMS On-state Current Figure E5.7 Maximum Allowable Ambient Temperature versus Average On-state Current Figure E5.8 Maximum Allowable Case Temperature versus RMS On-state Current Figure E5.9 Maximum Allowable Case Temperature versus Average On-state Current 0 0.5 1.0 1.5 2.0 2.5 3.0 50 60 70 80 90 100 110 120 130 Average On-state Current [IT(AV)] – Amps 0.95 40 CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180˚ CASE TEMPERATURE: Measured as Shown on Dimensional Drawing 1.65 1.9 2.54 T106 and T107 Type 1 and 3 T106 and T107 Type 2 and 4 TCR22 Devices 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 140 120 100 80 60 40 20 CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180˚ FREE AIR RATING 1.5 A and JEDEC 2N Series I T(AV) and EC Series I T(AV) On-state Current – Amps 1.5 A Devices and JEDEC 2N Series I T(RMS) EC Series I T(RMS) 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 140 120 100 80 60 40 20 RMS On-state Current [IT(RMS)] – Amps 2.0 CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180˚ FREE AIR RATING TO-220 T106/T107 TO-202 Type 1 and 3 T106/T107 TO-202 Type 2 and 4 and TO-251 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 20 40 60 80 100 120 140 CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 ˚ FREE AIR RATING Average On-state Current [IT(AV)] – Amps TO-220 T106/T107 TO-202 Type 1 and 3 T106/T107 TO-202 Type 2 and 4 and TO-251 80 24 6 8 10 0 85 90 95 100 105 110 115 CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 ˚ TEMPERATURE: Measured as Shown on Dimensional Drawings RMS On-state Current [IT(RMS)] – Amps 6 A TO-220 and TO-202 8 A TO-220 and TO-202 10 A TO-220 and TO-202 6 A TO-251 and TO-252 8 A TO-251 and TO-252 10 A TO-251 and TO-252 80 13 4 5 6 0 85 90 95 100 105 110 Average On-state Current [IT(AV)] – Amps 7 2 CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180˚ CASE TEMPERATURE: Measured as Shown on Dimensional Drawings 6 A TO-220 and TO-202 8 A TO-220 and TO-202 10 A TO-220 and TO-202 6 A TO-251 and TO-252 8 A TO-251 and TO-252 10 A TO-251 and TO-252 |
Similar Part No. - S2006FS31 |
|
Similar Description - S2006FS31 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |