Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTF10122 Datasheet(PDF) 1 Page - Ericsson

Part # PTF10122
Description  50 Watts WCDMA, 2.1-2.2 GHz GOLDMOS Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTF10122 Datasheet(HTML) 1 Page - Ericsson

  PTF10122 Datasheet HTML 1Page - Ericsson PTF10122 Datasheet HTML 2Page - Ericsson PTF10122 Datasheet HTML 3Page - Ericsson PTF10122 Datasheet HTML 4Page - Ericsson PTF10122 Datasheet HTML 5Page - Ericsson PTF10122 Datasheet HTML 6Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
e
1
RF Specifications (100% Tested)
Characteristic
Symbol
Min
Typ
Max
Units
Gain
(VDD = 28 V, POUT = 15 W, IDQ = 600 mA, f = 2.11 GHz)
Gps
10.0
11.0
dB
Power Output at 1 dB Compression
(VDD = 28 V, IDQ = 600 mA, f = 2.17 GHz)
P-1dB
50
Watts
Drain Efficiency
(VDD = 28 V, POUT = 50 W, IDQ = 600 mA, f = 2.17 GHz)
hD
30
35
%
Load Mismatch Tolerance
(VDD = 28 V, POUT = 50 W, IDQ = 600 mA, f = 2.17 GHz
Y
10:1
—all phase angles at frequency of test)
All published data at TCASE = 25°C unless otherwise indicated.
PTF 10122
50 Watts WCDMA, 2.1–2.2 GHz
GOLDMOSField Effect Transistor
Package 20248
0
10
20
30
40
50
60
01
234
56
Input Power (Watts)
0
10
20
30
40
50
VDD = 28 V
IDQ = 600 mA
f = 2.17 GHz
Typical Output Power vs. Input Power
Description
The PTF 10122 is an internally matched common source N-channel
enhancement-mode lateral MOSFET intended for WCDMA applications
from 2.1 to 2.2 GHz. It is rated at 50 watts power output, with 11 dB of
gain. Nitride surface passivation and full gold metallization ensure ex-
cellent device lifetime and reliability.
INTERNALLY MATCHED
Guaranteed Performance at 2.17 GHz, 28 V
- Output Power = 50 Watts Min
- Gain = 11.0 dB Typ
- Efficiency = 35% Typ
Full Gold Metallization
Silicon Nitride Passivated
Back Side Common Source
Excellent Thermal Stability
100% Lot Traceability
10122
A-1234569946


Similar Part No. - PTF10122

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10120 ERICSSON-PTF10120 Datasheet
420Kb / 6P
   120 Watts, 1.8-2.0 GHz GOLDMOS Field Effect Transistor
PTF10125 ERICSSON-PTF10125 Datasheet
291Kb / 6P
   135 Watts, 1.4-1.6 GHz GOLDMOS Field Effect Transistor
More results

Similar Description - PTF10122

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10119 ERICSSON-PTF10119 Datasheet
141Kb / 4P
   12 Watts, 2.1-2.2 GHz GOLDMOS Field Effect Transistor
PTF10134 ERICSSON-PTF10134 Datasheet
318Kb / 7P
   100 Watts, 2.1-2.2 GHz GOLDMOS Field Effect Transistor
PTF10048 ERICSSON-PTF10048 Datasheet
233Kb / 6P
   30 Watts, 2.1-2.2 GHz, W-CDMA GOLDMOS Field Effect Transistor
PTF10031 ERICSSON-PTF10031 Datasheet
215Kb / 6P
   50 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10053 ERICSSON-PTF10053 Datasheet
81Kb / 6P
   12 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10111 ERICSSON-PTF10111 Datasheet
337Kb / 6P
   6 Watts, 1.5 GHz GOLDMOS Field Effect Transistor
PTF10007 ERICSSON-PTF10007 Datasheet
235Kb / 6P
   35 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10107 ERICSSON-PTF10107 Datasheet
83Kb / 6P
   5 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10136 ERICSSON-PTF10136 Datasheet
205Kb / 7P
   6 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10009 ERICSSON-PTF10009 Datasheet
228Kb / 6P
   85 Watts, 1.0 GHz GOLDMOS??Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com