Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S14K625E2K1 Datasheet(PDF) 11 Page - EPCOS

Part # S14K625E2K1
Description  SIOV metal oxide varistors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S14K625E2K1 Datasheet(HTML) 11 Page - EPCOS

Back Button S14K625E2K1 Datasheet HTML 7Page - EPCOS S14K625E2K1 Datasheet HTML 8Page - EPCOS S14K625E2K1 Datasheet HTML 9Page - EPCOS S14K625E2K1 Datasheet HTML 10Page - EPCOS S14K625E2K1 Datasheet HTML 11Page - EPCOS S14K625E2K1 Datasheet HTML 12Page - EPCOS S14K625E2K1 Datasheet HTML 13Page - EPCOS S14K625E2K1 Datasheet HTML 14Page - EPCOS S14K625E2K1 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Taping, packaging and lead configuration
1
EPCOS ordering code system
For leaded varistors
B722
10
S
2
271
K
1
0
1
Monolithic
varistor
Nominal
disc diameter
Design:
S = Leaded varistor
T = ThermoFuse
F = Fail-safe varistor
Q = EnergetiQ
Series:
0 = StandarD
1 = Automotive
2 = AdvanceD
3 = SuperioR
4 = SuperioR
Max. AC operating voltage:
271 = 27
101 = 275 VAC
140 = 14
100 = 14 VAC
141 = 14
101 = 140 VAC
Tolerance of varistor voltage:
K =
±10%
J =
±5%
S = Special tolerance
Lead configuration:
1 = Straight leads
2 thru 5 = Kinked form
Packaging:
0 = Bulk,
1 thru 7 = Taping style
Internal coding:
1 = Standard
Leaded varistors
B722*
AdvanceD-MP, S14 series
Page 11 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - S14K625E2K1

ManufacturerPart #DatasheetDescription
logo
EPCOS
S14K625 EPCOS-S14K625 Datasheet
140Kb / 16P
   Leaded Varistors
More results

Similar Description - S14K625E2K1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
   SIOV metal oxide varistors
S14K320E2K1 EPCOS-S14K320E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72214S271K101 EPCOS-B72214S271K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72240B421K1 EPCOS-B72240B421K1 Datasheet
185Kb / 20P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S350K101 EPCOS-B72214S350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S351K101 EPCOS-B72210S351K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com