Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCA500-58H-6 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # LCA500-58H-6
Description  Code Conductor, One-Hole, Standard Barrel with Window Lug, 45 Angle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LCA500-58H-6 Datasheet(HTML) 1 Page - PANDUIT CORP.

  LCA500-58H-6 Datasheet HTML 1Page - PANDUIT CORP. LCA500-58H-6 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Code Conductor, One-Hole, Standard Barrel with Window Lug, 45° Angle
• Color-coded barrels marked with Panduit and specified competitor
die index numbers for proper crimp die selection
• Inspection window to visually assure full conductor insertion
• Tin-plated to inhibit corrosion
• UL Listed and CSA Certified to 35 KV** and temperature rated to
90°C when crimped with Panduit and specified competitor crimping
tools and dies
• UL Listed and CSA Certified for wide wire range-taking capability
when crimped with Panduit ® Uni-DieDieless Crimping Tools‡
• Tested by Telcordia – meets NEBS Level 3
• American Bureau of Shipping approved
‡See pages D3.58 – D3.61 for tool and die information.
*Not tested to NEBS Level 3 requirements.
**Consult cable manufacturer for voltage stress relief instructions with applications greater than 2000 V.
Type LCA-H
For Use with Stranded Copper Conductors
B
W
T
L
45˚
INSPECTION
WINDOW
Table continues on page D2.16
Part Number
Copper
Conductor
Size
Stud Hole
Size
(In.)
Figure Dimensions
(In.)
Panduit
Color
Code
Panduit
Die Index
No.‡
Burndy
Die Index
No.‡
T&B
Die Index
No.‡
Wire Strip
Length
(In.)
Std.
Pkg.
Qty.
W
B
T
L
LCA10-14H-L*
#14 – #10
AWG STR,
#12 – #10
AWG SOL
1/4
0.42
0.38
0.05
1.05
————
7/16
50
LCA8-10H-L
#8 AWG
#10
0.41
0.56
0.08
1.10
Red
P21
49
21
5/8
50
LCA8-14H-L
1/4
0.48
0.56
0.07
1.19
Red
P21
49
21
5/8
50
LCA8-56H-L
5/16
0.56
0.56
0.05
1.30
Red
P21
49
21
5/8
50
LCA8-38H-L
3/8
0.60
0.56
0.05
1.40
Red
P21
49
21
5/8
50
LCA6-10H-L
#6 AWG
#10
0.45
0.81
0.09
1.29
Blue
P24
7
24
7/8
50
LCA6-14H-L
1/4
0.48
0.81
0.08
1.38
Blue
P24
7
24
7/8
50
LCA6-56H-L
5/16
0.56
0.81
0.07
1.49
Blue
P24
7
24
7/8
50
LCA6-38H-L
3/8
0.62
0.81
0.06
1.59
Blue
P24
7
24
7/8
50
LCA4-10H-L
#4 – #3
AWG STR,
#2 AWG
SOL
#10
0.55
0.81
0.09
1.31
Gray
P29
8
29
7/8
50
LCA4-14H-L
1/4
0.55
0.81
0.09
1.40
Gray
P29
8
29
7/8
50
LCA4-56H-L
5/16
0.55
0.81
0.09
1.52
Gray
P29
8
29
7/8
50
LCA4-38H-L
3/8
0.62
0.81
0.07
1.61
Gray
P29
8
29
7/8
50
LCA2-14H-Q
#2 AWG
1/4
0.60
0.88
0.10
1.49
Brown
P33
10
33
15/16
25
LCA2-56H-Q
5/16
0.66
0.88
0.10
1.61
Brown
P33
10
33
15/16
25
LCA2-38H-Q
3/8
0.66
0.88
0.10
1.68
Brown
P33
10
33
15/16
25
LCA2-12H-Q
1/2
0.75
0.88
0.08
1.90
Brown
P33
10
33
15/16
25


Similar Part No. - LCA500-58H-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LCA50S-12 ETC2-LCA50S-12 Datasheet
152Kb / 3P
   Small and compact PCB construction
LCA50S-15 ETC2-LCA50S-15 Datasheet
152Kb / 3P
   Small and compact PCB construction
LCA50S-24 ETC2-LCA50S-24 Datasheet
152Kb / 3P
   Small and compact PCB construction
LCA50S-24-H ETC2-LCA50S-24-H Datasheet
152Kb / 3P
   Small and compact PCB construction
LCA50S-3 ETC2-LCA50S-3 Datasheet
152Kb / 3P
   Small and compact PCB construction
More results

Similar Description - LCA500-58H-6

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LCD2-14A-Q PANDUIT-LCD2-14A-Q Datasheet
90Kb / 2P
   Code Conductor, Two-Hole, Standard Barrel with Window Lug
LCAX30-58-X PANDUIT-LCAX30-58-X Datasheet
115Kb / 2P
   Flex Conductor, One-Hole, Standard Barrel with Window Lug
LCA350-78-X PANDUIT-LCA350-78-X Datasheet
110Kb / 2P
   Code Conductor, One-Hole, Standard Barrel with Window Lug For Use with Stranded Copper Conductors
LCA4-14-L PANDUIT-LCA4-14-L Datasheet
94Kb / 1P
   COPPER LUG - ONE-HOLE, STANDARD BARREL
LCA1-14-E PANDUIT-LCA1-14-E Datasheet
94Kb / 1P
   COPPER LUG - ONE-HOLE, STANDARD BARREL
LCA1-38-E PANDUIT-LCA1-38-E Datasheet
94Kb / 1P
   COPPER LUG - ONE-HOLE, STANDARD BARREL
LCA10-10-L PANDUIT-LCA10-10-L Datasheet
91Kb / 1P
   COPPER LUG-ONE-HOLE, STANDARD BARREL
LCA6-14-L PANDUIT-LCA6-14-L Datasheet
92Kb / 1P
   COPPER LUG - ONE-HOLE, STANDARD BARREL
LCA10-14-L PANDUIT-LCA10-14-L Datasheet
91Kb / 1P
   COPPER LUG - ONE-HOLE, STANDARD BARREL
LCA8-38-L PANDUIT-LCA8-38-L Datasheet
95Kb / 1P
   COPPER LUG - ONE-HOLE, STANDARD BARREL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com