Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RS2D
Description  Surface Mount Fast Switching Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RS2D Datasheet(HTML) 3 Page - Vishay Siliconix

  RS2D Datasheet HTML 1Page - Vishay Siliconix RS2D Datasheet HTML 2Page - Vishay Siliconix RS2D Datasheet HTML 3Page - Vishay Siliconix RS2D Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RS2A, RS2B, RS2D, RS2G, RS2J, RS2K
www.vishay.com
Vishay General Semiconductor
Revision: 21-Aug-13
3
Document Number: 88708
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Typical Junction Capacitance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Reverse Voltage (V)
10
100
1
10
100
1
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
RS2A thru RS2G
RS2J thru RS2K
Cathode Band
DO-214AA (SMB)
0.086 (2.20)
0.077 (1.95)
0.155 (3.94)
0.130 (3.30)
0.180 (4.57)
0.160 (4.06)
0.012 (0.305)
0.006 (0.152)
0.008 (0.2)
0 (0)
0.220 (5.59)
0.205 (5.21)
0.060 (1.52)
0.030 (0.76)
0.096 (2.44)
0.084 (2.13)
Mounting Pad Layout
0.086 (2.18) MIN.
0.060 (1.52) MIN.
0.085 (2.159) MAX.
0.220 (5.59) REF.


Similar Part No. - RS2D

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS2D SSE-RS2D Datasheet
19Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Chongqing Pingwei Enter...
RS2D CHONGQING-RS2D Datasheet
178Kb / 1P
   2.0AMPS. FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Shanghai Yint Electroni...
RS2D YINT-RS2D Datasheet
488Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
Shanghai Shunye Electro...
RS2D SY-RS2D Datasheet
1,017Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
UN Semiconducctor INC
RS2D UNSEMI-RS2D Datasheet
2Mb / 4P
   Surface Mount Fast Recovery Rectifiers
Revision March 1,2022
More results

Similar Description - RS2D

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS1A SSE-RS1A Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
General Semiconductor
RS3A GE-RS3A Datasheet
75Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
GOOD-ARK Electronics
SR36 GOOD-ARK-SR36 Datasheet
171Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Transys Electronics
FR1A TRSYS-FR1A Datasheet
183Kb / 3P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RS1A VISHAY-RS1A Datasheet
80Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 19-Apr-11
logo
TAITRON Components Inco...
RS1A TAITRON-RS1A Datasheet
641Kb / 4P
   Surface Mount Fast Switching Rectifier
logo
Vishay Siliconix
RS3K-E3 VISHAY-RS3K-E3 Datasheet
84Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 25-Apr-14
RS3A VISHAY-RS3A_V01 Datasheet
96Kb / 4P
   Surface-Mount Fast Switching Rectifier
01-Jan-2022
logo
First Silicon Co., Ltd
GR1A FS-GR1A Datasheet
498Kb / 2P
   Surface Mount FAST SWITCHING RECTIFIER
logo
Shanghai Sunrise Electr...
FR1A SSE-FR1A Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
RS1AB SSE-RS1AB Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com