Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LI0603G221R-00 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LI0603G221R-00
Description  Low Current Ferrie Chip Beads
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LI0603G221R-00 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LI0603G221R-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers LI0603G221R-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers LI0603G221R-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers LI0603G221R-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers LI0603G221R-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers LI0603G221R-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers LI0603G221R-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers LI0603G221R-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STEWARD - U.S.A. • Telephone: 423/867-4100 • Fax 423/867-4102 • Internet: http://www.steward.com
SCOTLAND • Telephone: 44-(0)1-506-414200 • Fax 44-(0)1-506-410694
SINGAPORE • Telephone: (65)337-9667 • Fax (65)337-9686
PART
NUMBER
A
mm
(inches)
B
mm
(inches)
C
mm
(inches)
D
mm
(inches)
IMPEDANCE ( Z )
TYPICAL OHMS @
100MHz
500MHz
1GHz
DCR
MAX
OHMS
RATED I MAX
(continuous)
mA
LI0805H121R-00
2.00 + 0.20
(0.079 + 0.008)
1.25 + 0.20
(0.049 + 0.008)
0.90 + 0.20
(0.035 + 0.008)
0.51 + 0.25
(0.020 + 0.010)
120
167
129
0.150
800
LI0805H151R-00
2.00 + 0.20
(0.079 + 0.008)
1.25 + 0.20
(0.049 + 0.008)
0.90 + 0.20
(0.035 + 0.008)
0.51 + 0.25
(0.020 + 0.010)
150
207
138
0.150
800
LI0805G301R-00
2.00 + 0.20
(0.079 + 0.008)
1.25 + 0.20
(0.049 + 0.008)
0.90 + 0.20
(0.035 + 0.008)
0.51 + 0.25
(0.020 + 0.010)
300
248
146
0.200
700
LI1206E260R-00
3.20 + 0.20
(0.126 + 0.008)
1.60 + 0.20
(0.063 + 0.008)
1.10 + 0.20
(0.043 + 0.008)
0.51 + 0.25
(0.020 + 0.010)
26
43
50
0.200
700
LI1206E520R-00
3.20 + 0.20
(0.126 + 0.008)
1.60 + 0.20
(0.063 + 0.008)
1.10 + 0.20
(0.043 + 0.008)
0.51 + 0.25
(0.020 + 0.010)
52
800
93
0150
800
LI1206H900R-00
3.20 + 0.20
(0.126 + 0.008)
1.60 + 0.20
(0.063 + 0.008)
1.10 + 0.20
(0.043 + 0.008)
0.51 + 0.25
(0.020 + 0.010)
90
142
156
0.150
800
LI1206H121R-00
3.20 + 0.20
(0.126 + 0.008)
1.60 + 0.20
(0.063 + 0.008)
1.10 + 0.20
(0.043 + 0.008)
0.51 + 0.25
(0.020 + 0.010)
120
144
135
0.150
800
LI1206H151R-00
3.20 + 0.20
(0.126 + 0.008)
1.60 + 0.20
(0.063 + 0.008)
1.10 + 0.20
(0.043 + 0.008)
0.51 + 0.25
(0.020 + 0.010)
150
173
123
0.150
800
LI1206G301R-00
3.20 + 0.20
(0.126 + 0.008)
1.60 + 0.20
(0.063 + 0.008)
1.10 + 0.20
(0.043 + 0.008)
0.51 + 0.25
(0.020 + 0.010)
300
138
88
0.200
700
LI1806E800R-00
4.50 + 0.254
(0.177 + 0.010)
1.60 + 0.254
(0.063 + 0.010)
1.60 + 0.254
(0.063 + 0.010)
0.51 + 0.25
(0.020 + 0.010)
80
117
124
0.300
500
LI1806E101R-00
4.50 + 0.254
(0.177 + 0.010)
1.60 + 0.254
(0.063 + 0.010)
1.60 + 0.254
(0.063 + 0.010)
0.51 + 0.25
(0.020 + 0.010)
100
131
130
0.300
500
LI1806C151R-00
4.50 + 0.254
(0.177 + 0.010)
1.60 + 0.254
(0.063 + 0.010)
1.60 + 0.254
(0.063 + 0.010)
0.51 + 0.25
(0.020 + 0.010)
150
219
227
0.500
300
LI1812D121R-00
4.50 + 0.254
(0.177 + 0.010)
3.20 + 0.254
(0.126 + 0.010)
1.40 + 0.254
(0.055 + 0.010)
0.46 + 0.20
(0.018 + 0.008)
120
203
195
0.400
400
1000
60
LI0402E300R-00
Z vs. Frequency
Impedance Under DC Bias
1
10
Frequency (MHz)
100
10
20
0
50
40
30
60
LI0402E300R-00
Z, R, X
L vs. Frequency
Impedance, Resistance, Inductive Reactance
Frequency (MHz)
X
L
Z
R
10
20
0
50
40
30
1
10
1000
100
*
*
* See Steward web site at www.steward.com for the most recent performance curves.
43


Similar Part No. - LI0603G221R-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LI0603G221R-10 ETC2-LI0603G221R-10 Datasheet
310Kb / 3P
   Part Number Nomenclature
LI0603G221R-10 ETC2-LI0603G221R-10 Datasheet
1Mb / 4P
   Ferrite EMI Chip Beads
logo
Laird Tech Smart Techno...
LI0603G221R-10 LSTD-LI0603G221R-10 Datasheet
141Kb / 1P
   this print is the property of laird tech
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com