Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSR-7805LF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # PSR-7805LF
Description  WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT SIP3
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PSR-7805LF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  PSR-7805LF Datasheet HTML 1Page - PEAK electronics GmbH PSR-7805LF Datasheet HTML 2Page - PEAK electronics GmbH PSR-7805LF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PSR SERIES
PSR-78xxLF
WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT SIP3
Dimensions
PEAK
Modelcode
Datecode
1
2
3
11.50
(0.45)
Bottom View
1
2
3
5.08
(0.20)
3.21
(0.13)
All dimensions are typical in millimeters (inches).
Tolerance x.xx = +/- 0.30 (+/- 0.01)
Specification may change without notice.
Pin length is typical.
7.55
(0.30)
0.50
(0.02)
Derating Graph and Pinning
Pin
Connection
#
Single
1
+ V Input
2
GND
3
+ V Output


Similar Part No. - PSR-7805LF

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
PSR-13N08A-SYQ MSPI-PSR-13N08A-SYQ Datasheet
120Kb / 1P
   Sales Outline Drawing
PSR-18N08A-JQ MSPI-PSR-18N08A-JQ Datasheet
114Kb / 1P
   Sales Outline Drawing
PSR-20F08S-YHQ MSPI-PSR-20F08S-YHQ Datasheet
123Kb / 1P
   Sales Outline Drawing
PSR-20N08A-JQ MSPI-PSR-20N08A-JQ Datasheet
131Kb / 1P
   Sales Outline Drawing
PSR-23F08S-JQ MSPI-PSR-23F08S-JQ Datasheet
116Kb / 1P
   Sales Outline Drawing
More results

Similar Description - PSR-7805LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PSR1-783R3LF PEAK-PSR1-783R3LF Datasheet
111Kb / 3P
   WIDE INPUT REGULATED SINGLE OUTPUT SIP3 ??1000mA
logo
Crystek Corporation
K7805-1000 CRYSTEKCRYSTAL-K7805-1000_11 Datasheet
327Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7805-1500 MORNSUN-K7805-1500 Datasheet
345Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7805M-1000 MORNSUN-K7805M-1000 Datasheet
317Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K78L01-1000R2 MORNSUN-K78L01-1000R2 Datasheet
387Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-500 MORNSUN-K7801-500 Datasheet
362Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-1500L MORNSUN-K7801-1500L Datasheet
399Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
KRB2005MS-2W MORNSUN-KRB2005MS-2W Datasheet
205Kb / 2P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
K7805YMD-2000 MORNSUN-K7805YMD-2000 Datasheet
300Kb / 3P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
logo
Toppower Electronic Tec...
TP78XX-2 TOPPOWER-TP78XX-2 Datasheet
672Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com