Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7806AC Datasheet(PDF) 6 Page - STMicroelectronics

Part # L7806AC
Description  Positive voltage regulator ICs
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7806AC Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L7806AC Datasheet HTML 2Page - STMicroelectronics L7806AC Datasheet HTML 3Page - STMicroelectronics L7806AC Datasheet HTML 4Page - STMicroelectronics L7806AC Datasheet HTML 5Page - STMicroelectronics L7806AC Datasheet HTML 6Page - STMicroelectronics L7806AC Datasheet HTML 7Page - STMicroelectronics L7806AC Datasheet HTML 8Page - STMicroelectronics L7806AC Datasheet HTML 9Page - STMicroelectronics L7806AC Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
Pin configuration
L78xx, L78xxC, L78xxAB, L78xxAC
6/57
Doc ID 2143 Rev 30
2
Pin configuration
Figure 2.
Pin connections (top view)
TO-220FP
TO-3
TO-220
D²PAK (Any Type)
DPAK
Figure 3.
Schematic diagram


Similar Part No. - L7806AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7806AC STMICROELECTRONICS-L7806AC Datasheet
108Kb / 17P
   PRECISION 1A REGULATORS
L7806AC STMICROELECTRONICS-L7806AC Datasheet
373Kb / 28P
   Precision 1A regulators
L7806AC STMICROELECTRONICS-L7806AC Datasheet
780Kb / 26P
   Precision 1 A regulators
L7806AC STMICROELECTRONICS-L7806AC Datasheet
780Kb / 26P
   Precision 1 A regulators
L7806AC STMICROELECTRONICS-L7806AC Datasheet
1Mb / 56P
   Positive voltage regulators
More results

Similar Description - L7806AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CD00000444 STMICROELECTRONICS-CD00000444 Datasheet
1Mb / 58P
   Positive voltage regulator ICs
March 2014 Rev 32
L7824CV-DG STMICROELECTRONICS-L7824CV-DG Datasheet
2Mb / 57P
   Positive voltage regulator ICs
L7815CV-DG STMICROELECTRONICS-L7815CV-DG Datasheet
1Mb / 57P
   Positive voltage regulator ICs
L7824ABD2T STMICROELECTRONICS-L7824ABD2T Datasheet
2Mb / 57P
   Positive voltage regulator ICs
March 2013 Rev 31
L7808ABV-DG STMICROELECTRONICS-L7808ABV-DG Datasheet
1Mb / 58P
   Positive voltage regulator ICs
March 2014 Rev 32
L7805CT STMICROELECTRONICS-L7805CT Datasheet
1Mb / 57P
   Positive voltage regulator ICs
L7805CT STMICROELECTRONICS-L7805CT Datasheet
1Mb / 57P
   Positive voltage regulator ICs
L78 STMICROELECTRONICS-L78_V01 Datasheet
1Mb / 55P
   Positive voltage regulator ICs
Rev 36 - September 2018
L7812ABV-DG STMICROELECTRONICS-L7812ABV-DG Datasheet
2Mb / 57P
   Positive voltage regulator ICs
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com