Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDS-A322RI Datasheet(PDF) 1 Page - LUMEX INC.

Part # LDS-A322RI
Description  SEVEN SEGMENT, LED DISPLAY, COMMON ANODE, 565mm GREEN CHIPS, GRAY FACE WITH WHITE SEGMENTS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

LDS-A322RI Datasheet(HTML) 1 Page - LUMEX INC.

  LDS-A322RI Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - LDS-A322RI

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LDS-A323RI LUMEX-LDS-A323RI Datasheet
77Kb / 1P
   585nm YELLOW CHIPS, GRAY FACE WITH WHITE SEGMENTS
LDS-A324RI LUMEX-LDS-A324RI Datasheet
127Kb / 1P
   635nm RED CHIPS, GRAY FACE WITH WHITE SEGMENTS
LDS-A324RI-SI LUMEX-LDS-A324RI-SI Datasheet
75Kb / 1P
   636nm RED CHIPS, GRAY FACE WITH WHITE SEGMENTS
LDS-A326RI LUMEX-LDS-A326RI Datasheet
77Kb / 1P
   660nm RED CHIPS, GRAY FACE WITH WHITE SEGMENTS
More results

Similar Description - LDS-A322RI

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LDD-A5647RI-USB LUMEX-LDD-A5647RI-USB Datasheet
61Kb / 1P
   0.56 SINGLE DIGIT, SEVEN SEGMENT. LED DISPLAY 470mm BLUE CHIPS, GRAY FACE WITH WHITE SEGMENTS, COMMON ANODE, 18 PINS
logo
List of Unclassifed Man...
LDD-E304NI ETC1-LDD-E304NI Datasheet
46Kb / 1P
   0.30 SEVEN SEGMENT, DUAL DIGIT DISPLAY, 635nm RED CHIPS, GRAY FACE WITH WHITE SEGMENTS, COMMON ANODE, NO CHIPS IN DECIMALS.
LDD-A516RI ETC1-LDD-A516RI Datasheet
59Kb / 1P
   0.56inch SEVEN SEGMENT, DUAL DIGIT DISPLAY, 660nm RED CHIPS, GRAY FACE WITH WHITE SEGMENTS, COMMON ANODE, RIGHT DECIMAL PLACE.
LDD-A813RI ETC1-LDD-A813RI Datasheet
46Kb / 1P
   0.80 SEVEN SEGMENT, DUAL DIGIT DISPLAY, 585nm YELLOW CHIPS, GRAY FACE WITH WHITE SEGMENTS, COMMON ANODE, RIGHT DECIMAL PLACES.
LDS-A512RI ETC1-LDS-A512RI Datasheet
72Kb / 1P
   0.56 SEVEN SEGMENT, SINGLE DIGIT DISPLAY, 565nm GREEN, GRAY FACE WITH WHITE SEGMENTS, COMMON ANODE, RIGHT DECIMAL.
logo
LUMEX INC.
LDT-M2804RI LUMEX-LDT-M2804RI Datasheet
99Kb / 2P
   0.28 THREE DIGIT SEVEN SEGMENT DISPLAY, RED CHIPS, GRAY FACE, WHITE DIFFUSED SEGMENTS.
logo
List of Unclassifed Man...
LDD-A5642RI ETC2-LDD-A5642RI Datasheet
46Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY, 585nm GREEN CHIPS, WITH MILKY WHITE DIFFUSED SEGMENTS, GRAY FACE
LDS-A303RI ETC1-LDS-A303RI Datasheet
67Kb / 1P
   0.30 SEVEN SEGMENT DISPLAY, 585nm YELLOW, GRAY FONT/WHITE SEGMENTS, COMMON ANODE
LDQ-M286RI ETC1-LDQ-M286RI Datasheet
77Kb / 1P
   0.28 FOUR DIGIT, SEVEN SEGMENT DISPLAY SUPER RED, GRAY FACE, WHITE SEGMENTS, COMMEN ANODE
LDD-M514RI-RA ETC1-LDD-M514RI-RA Datasheet
47Kb / 1P
   0.56nm SEVEN SEGMENT, DUAL DIGIT DISPLAY, 635nm RED CHIPS, GRAY FACE WITH WHITE SEGMENTS, COMMON ANODE, RIGHT DECIMAL PLACES, RIGHT ANGLE LEADS.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com