Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF5407 Datasheet(PDF) 4 Page - Continental Device India Limited

Part # UF5407
Description  ULTRAFAST RECOVERY RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

UF5407 Datasheet(HTML) 4 Page - Continental Device India Limited

  UF5407 Datasheet HTML 1Page - Continental Device India Limited UF5407 Datasheet HTML 2Page - Continental Device India Limited UF5407 Datasheet HTML 3Page - Continental Device India Limited UF5407 Datasheet HTML 4Page - Continental Device India Limited UF5407 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIM
Min
Max
A
50.0
54.0
1. 300 mm (Min) leader tape on every roll.
B
95.0
105.0
C
5.60
6.50
2. No. of empty places allowed 0.25% without consecutive empty places.
D
1.5R
E
9.50
10.50
3. Ends of leads shall normally not protrude beyond the tapes.
F
1.25
4. Components shall be held sufficiently in the tape or tapes so that
they can not come free in normal handling.
UF5400_8 Rev 140305D
AXIAL TAPE FOR DO-201AD
All Dimensions are in mm
TAPE SPECIFICATIONS
DO-201AD 52 mm Tape
Continental Device India Limited
Data Sheet
Page 4 of 5
UF5400 - UF5408
DO-201AD


Similar Part No. - UF5407

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
UF5407 JGD-UF5407 Datasheet
159Kb / 2P
   3.0 AMP. ULTRA FAST RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
UF5407 SAMYANG-UF5407 Datasheet
1Mb / 2P
   ULTRA FAST RECTIFIER
logo
Microdiode Electronics ...
UF5407 CHENDA-UF5407 Datasheet
74Kb / 2P
   ULTRA FAST RECTIFIERS Reverse Voltage - 50 to 1000 Volts
logo
TAITRON Components Inco...
UF5407 TAITRON-UF5407 Datasheet
162Kb / 4P
   3.0A Ultra Fast Recovery Rectifier
logo
Jinan Jing Heng Electro...
UF5407 JINGHENG-UF5407 Datasheet
63Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - UF5407

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF100S PANJIT-UF100S_07 Datasheet
44Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
UF4001 SEMTECH_ELEC-UF4001 Datasheet
188Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
UF1600FCT PANJIT-UF1600FCT_09 Datasheet
95Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
UF3006PT PANJIT-UF3006PT Datasheet
64Kb / 4P
   ULTRAFAST RECOVERY RECTIFIERS
logo
DIYI Electronic Technol...
MURB510 DYELEC-MURB510 Datasheet
785Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
SF1610CT DYELEC-SF1610CT Datasheet
665Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
SF1060 DYELEC-SF1060 Datasheet
623Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Rectron Semiconductor
MUR20120C RECTRON-MUR20120C Datasheet
212Kb / 4P
   ULTRAFAST RECOVERY RECTIFIERS
MUR6060PT RECTRON-MUR6060PT Datasheet
231Kb / 4P
   ULTRAFAST RECOVERY RECTIFIERS
logo
DIYI Electronic Technol...
MURB1610CT DYELEC-MURB1610CT Datasheet
801Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
MURB2010CT DYELEC-MURB2010CT Datasheet
943Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com