Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV866752D250R2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV866752D250R2G
Description  150 mA LDO Regulator with Enable, Reset and Early Warning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV866752D250R2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV866752D250R2G Datasheet HTML 6Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 7Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 8Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 9Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 10Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 11Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 12Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 13Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NCV8667
http://onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 12. Dropout vs. Temperature
0
100
200
300
400
500
−40 −20
0
20
40
60
80
100 120 140 160
TJ, JUNCTION TEMPERATURE (°C)
Iout = 150 mA
Iout = 100 mA
Figure 13. Output Current Limit vs. Input
Voltage
0
100
200
300
400
0
5
10
15
20
25
30
35
40
Vin, INPUT VOLTAGE (V)
TJ = 25°C
ISC @ Vout = 0 V
ILIM @ Vout = 4.8 V
Figure 14. Output Current Limit vs. Temperature
200
250
300
350
400
−40 −20
0
20
40
60
80
100 120 140 160
TJ, JUNCTION TEMPERATURE (°C)
ISC @ Vout = 0 V
ILIM @ Vout = 4.8 V
Vin = 13.2 V
Figure 15. Cout ESR Stability vs. Output Current
0.01
0.1
1
10
100
0
50
100
150
200
250
300
350
Iout, OUTPUT CURRENT (mA)
STABLE REGION
Vin = 13.2 V
TJ = −40°C to 150°C
Cout = 2.2 mF − 100 mF
TIME (100 ms/div)
I
12.2 V
14.2 V
4.97 V
5.09 V
5 V
13 V
Figure 16. Line Transients
Vin
(1 V/div)
Vout
(50 mV/div)
TJ = 25°C
Iout = 1 mA
Cout = 10 mF
trise/fall = 1 ms (Vin)
TIME (20 ms/div)
150 mA
4.77 V
5.16 V
5 V
0.1 mA
Figure 17. Load Transients
TJ = 25°C
Vin = 13.2 V
Cout = 10 mF
trise/fall = 1 ms (Iout)
Iout
(100 mA/div)
Vout
(200 mV/div)


Similar Part No. - NCV866752D250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8667 ONSEMI-NCV8667 Datasheet
206Kb / 15P
   150 mA LDO Regulator with Enable, Reset and Early Warning
December, 2010 ??Rev. 0
NCV866710D250R2G ONSEMI-NCV866710D250R2G Datasheet
206Kb / 15P
   150 mA LDO Regulator with Enable, Reset and Early Warning
December, 2010 ??Rev. 0
More results

Similar Description - NCV866752D250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8667 ONSEMI-NCV8667 Datasheet
206Kb / 15P
   150 mA LDO Regulator with Enable, Reset and Early Warning
December, 2010 ??Rev. 0
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV8769 ONSEMI-NCV8769 Datasheet
239Kb / 14P
   Ultra Low Iq 150 mA LDO Regulator with Reset and Early Warning
June, 2011 ??Rev. 1
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
NCV8668 ONSEMI-NCV8668 Datasheet
247Kb / 18P
   Very Low I 150 mA LDO Regulator with Window Watchdog, Enable and Reset
October, 2010 ??Rev. 2
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com