Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV866752D250R2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV866752D250R2G
Description  150 mA LDO Regulator with Enable, Reset and Early Warning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV866752D250R2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV866752D250R2G Datasheet HTML 1Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 2Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 3Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 4Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 5Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 6Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 7Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 8Page - ON Semiconductor NCV866752D250R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2011
May, 2011 − Rev. 2
1
Publication Order Number:
NCV8667/D
NCV8667
150 mA LDO Regulator with
Enable, Reset and Early
Warning
The NCV8667 is 150 mA LDO regulator with integrated enable,
reset and early warning functions dedicated for microprocessor
applications. Its robustness allows NCV8667 to be used in severe
automotive environments. The NCV8667 utilizes precise 1 M
W
internal resistor divider for Early Warning function which
significantly reduces overall application quiescent current and number
of external components. Very low quiescent current as low as 28
mA
(Adjustable Early Warning Thresholds) or 42
mA (Preset Early
Warning Thresholds) typical for NCV8667 makes it suitable for
applications permanently connected to battery requiring very low
quiescent current with or without load. The Enable function can be
used for further decrease of quiescent current down to 1
mA. The
NCV8667 contains protection functions as current limit, thermal
shutdown and reverse output current protection.
Features
Output Voltage Options: 5 V
Output Voltage Accuracy: $2%
Output Current up to 150 mA
Very Low Quiescent Current:
− typ 28
mA for Adjustable Early Warning Threshold Option
− typ 42
mA for Preset Early Warning Threshold Option
Very Low Dropout Voltage
Early Warning Threshold Accuracy: ±10% Over Temperature Range
(using RSI_ext external resistor with ±1%, 100 ppm/°C)
Enable Function (1 mA Max Quiescent Current when Disabled)
Microprocessor Compatible Control Functions:
− Reset with Adjustable Power−on Delay
− Early Warning
Wide Input Voltage Operation Range: up to 40 V
Protection Features:
− Current Limitation
− Thermal Shutdown
− Reverse Output Current
These are Pb−Free Devices
Typical Applications
Body Control Module
Instruments and Clusters
Occupant Protection and Comfort
Powertrain
http://onsemi.com
http://onsemi.com
SO−8
D SUFFIX
CASE 751
ORDERING INFORMATION
MARKING
DIAGRAMS
See detailed ordering and shipping information in the
dimensions section on page 18 of this data sheet.
SO−14
D SUFFIX
CASE 751A
1
8
667YZX
ALYWX
G
1
8
1
14
V8667YZXXG
AWLYWWG
1
14
Y
= Timing and Reset Threshold Option*
Z
= Early Warning Option*
XX, X
= Voltage Option
5.0 V (XX = 50, X = 5)
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
(Note: Microdot may be in either location)
*See Application Information Section.


Similar Part No. - NCV866752D250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8667 ONSEMI-NCV8667 Datasheet
206Kb / 15P
   150 mA LDO Regulator with Enable, Reset and Early Warning
December, 2010 ??Rev. 0
NCV866710D250R2G ONSEMI-NCV866710D250R2G Datasheet
206Kb / 15P
   150 mA LDO Regulator with Enable, Reset and Early Warning
December, 2010 ??Rev. 0
More results

Similar Description - NCV866752D250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8667 ONSEMI-NCV8667 Datasheet
206Kb / 15P
   150 mA LDO Regulator with Enable, Reset and Early Warning
December, 2010 ??Rev. 0
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV8769 ONSEMI-NCV8769 Datasheet
239Kb / 14P
   Ultra Low Iq 150 mA LDO Regulator with Reset and Early Warning
June, 2011 ??Rev. 1
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
NCV8668 ONSEMI-NCV8668 Datasheet
247Kb / 18P
   Very Low I 150 mA LDO Regulator with Window Watchdog, Enable and Reset
October, 2010 ??Rev. 2
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com