Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT230X Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # FT230X
Description  Future Technology Devices International Ltd.
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT230X Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button FT230X Datasheet HTML 7Page - List of Unclassifed Manufacturers FT230X Datasheet HTML 8Page - List of Unclassifed Manufacturers FT230X Datasheet HTML 9Page - List of Unclassifed Manufacturers FT230X Datasheet HTML 10Page - List of Unclassifed Manufacturers FT230X Datasheet HTML 11Page - List of Unclassifed Manufacturers FT230X Datasheet HTML 12Page - List of Unclassifed Manufacturers FT230X Datasheet HTML 13Page - List of Unclassifed Manufacturers FT230X Datasheet HTML 14Page - List of Unclassifed Manufacturers FT230X Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Copyright © 2013 Future Technology Devices International Limited
11
FT230X USB TO BASIC UART IC
Version 1.2
Document No.: FT_000566 Clearance No.: FTDI# 260
3.3 CBUS Signal Options
The following options can be configured on the CBUS I/O pins. CBUS signal options are common to both
package versions of the FT230X. These options can be configured in the internal MTP memory using the
software utility FT_PROG or MPROG, which can be downloaded from the FTDI Utilities
(www.ftdichip.com). The default configuration is described in Section 8.
CBUS Signal
Option
Available On CBUS Pin
Description
TRI-STATE
CBUS0, CBUS1, CBUS2, CBUS3
IO Pad is tri-stated
DRIVE 1
CBUS0, CBUS1, CBUS2, CBUS3
Output a constant 1
DRIVE 0
CBUS0, CBUS1, CBUS2, CBUS3
Output a constant 0
TXDEN
CBUS0, CBUS1, CBUS2, CBUS3
Enable transmit data for RS485
PWREN#
CBUS0, CBUS1, CBUS2, CBUS3
Output is low after the device has been configured by
USB, then high during USB suspend mode. This output
can be used to control power to external logic P-Channel
logic level MOSFET switch. Enable the interface pull-down
option when using the PWREN# in this way.
TXLED#
CBUS0, CBUS1, CBUS2, CBUS3
Transmit data LED drive – pulses low when transmitting
data via USB. See Section 7.5 for more details.
RXLED#
CBUS0, CBUS1, CBUS2, CBUS3
Receive data LED drive – pulses low when receiving data
via USB. See Section 7.5 for more details.
TX&RXLED#
CBUS0, CBUS1, CBUS2, CBUS3
LED drive – pulses low when transmitting or receiving
data via USB. See Section 7.5 for more details.
SLEEP#
CBUS0, CBUS1, CBUS2, CBUS3
Goes low during USB suspend mode. Typically used to
power down an external TTL to RS232 level converter IC
in USB to RS232 converter designs.
CLK24MHz
CBUS0, CBUS1, CBUS2, CBUS3
24 MHz Clock output.*
CLK12MHz
CBUS0, CBUS1, CBUS2, CBUS3
12 MHz Clock output.*
CLK6MHz
CBUS0, CBUS1, CBUS2, CBUS3
6 MHz Clock output.*
GPIO
CBUS0, CBUS1, CBUS2, CBUS3
CBUS bit bang mode option. Allows up to 4 of the CBUS
pins to be used as general purpose I/O. Configured
individually for CBUS0, CBUS1, CBUS2 and CBUS3 in the
internal MTP
memory. A separate application note,
AN232R-01, available from FTDI website
(www.ftdichip.com) describes in more detail how to use
CBUS bit bang mode.
BCD Charger
CBUS0, CBUS1, CBUS2, CBUS3
Battery charge Detect, indicates when the device is
connected to a dedicated battery charger host. Active
high output.
BCD Charger#
CBUS0, CBUS1, CBUS2, CBUS3
Inverse of BCD Charger
BitBang_WR#
CBUS0, CBUS1, CBUS2, CBUS3
Synchronous and asynchronous bit bang mode WR#
strobe output.
BitBang_RD#
CBUS0, CBUS1, CBUS2, CBUS3
Synchronous and asynchronous bit bang mode RD#
strobe output.


Similar Part No. - FT230X

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT230X FTDI-FT230X Datasheet
816Kb / 44P
   USB to serial UART interface with optimised pin count for smaller PCB designs
FT230X FTDI-FT230X Datasheet
1Mb / 40P
   Single chip USB to asynchronous serial data transfer interface
logo
List of Unclassifed Man...
FT230XQ ETC2-FT230XQ Datasheet
1Mb / 28P
   Introducing the FT-X Series of USB2.0 Full Speed Peripheral Solutions
logo
Future Technology Devic...
FT230XQ-R FTDI-FT230XQ-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT230XQ-xxxx ETC2-FT230XQ-xxxx Datasheet
816Kb / 44P
   Future Technology Devices International Ltd
More results

Similar Description - FT230X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
   Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
   Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
   Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
   Future Technology Devices International Ltd.
FT230XQ-R FTDI-FT230XQ-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
USB-COM232-PLUS-2 ETC2-USB-COM232-PLUS-2 Datasheet
805Kb / 24P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
   Future Technology Devices International Ltd.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com