Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAV450QSC Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FSAV450QSC
Description  800MHz 4 Channel 2:1 Video Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV450QSC Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FSAV450QSC Datasheet HTML 4Page - Fairchild Semiconductor FSAV450QSC Datasheet HTML 5Page - Fairchild Semiconductor FSAV450QSC Datasheet HTML 6Page - Fairchild Semiconductor FSAV450QSC Datasheet HTML 7Page - Fairchild Semiconductor FSAV450QSC Datasheet HTML 8Page - Fairchild Semiconductor FSAV450QSC Datasheet HTML 9Page - Fairchild Semiconductor FSAV450QSC Datasheet HTML 10Page - Fairchild Semiconductor FSAV450QSC Datasheet HTML 11Page - Fairchild Semiconductor FSAV450QSC Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC16
Technology Description
The Fairchild Switch family derives from and embodies Fairchild’s proven switch technology used for several years in its 74LVX3L384
(FST3384) bus switch product.


Similar Part No. - FSAV450QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV450QSC FAIRCHILD-FSAV450QSC Datasheet
1,017Kb / 11P
   800MHz Quad SPDT LCD/Plasma Video Switch
FSAV450QSC FAIRCHILD-FSAV450QSC Datasheet
529Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
More results

Similar Description - FSAV450QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV450 FAIRCHILD-FSAV450_11 Datasheet
998Kb / 9P
   800MHz, 4-Channel, 2:1 Video Switch
FSAV450_0508 FAIRCHILD-FSAV450_0508 Datasheet
529Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV330 FAIRCHILD-FSAV330_08 Datasheet
470Kb / 9P
   4-Channel, 2:1 Video Switch
logo
ON Semiconductor
FSAV330 ONSEMI-FSAV330 Datasheet
617Kb / 11P
   4-Channel, 2:1 Video Switch
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_10 Datasheet
584Kb / 9P
   4-Channel, 2:1 Video Switch
FSAV430 FAIRCHILD-FSAV430_11 Datasheet
899Kb / 10P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
FSAV430 FAIRCHILD-FSAV430_05 Datasheet
544Kb / 12P
   Low Voltage 1.1GHz 4 Channel 2:1 Video Switch
logo
ON Semiconductor
FSAV430 ONSEMI-FSAV430 Datasheet
909Kb / 12P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
January 2011 Rev. 1.02
logo
Fairchild Semiconductor
FSAV331 FAIRCHILD-FSAV331_05 Datasheet
163Kb / 7P
   Dual Channel 4:1 Video Switch
FSAV331MTCX FAIRCHILD-FSAV331MTCX Datasheet
609Kb / 7P
   Dual-Channel, 4:1 Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com