Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQD17P06 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FQD17P06
Description  P-Channel QFET짰 MOSFET -60 V, -12 A, 135 m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD17P06 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQD17P06 Datasheet HTML 1Page - Fairchild Semiconductor FQD17P06 Datasheet HTML 2Page - Fairchild Semiconductor FQD17P06 Datasheet HTML 3Page - Fairchild Semiconductor FQD17P06 Datasheet HTML 4Page - Fairchild Semiconductor FQD17P06 Datasheet HTML 5Page - Fairchild Semiconductor FQD17P06 Datasheet HTML 6Page - Fairchild Semiconductor FQD17P06 Datasheet HTML 7Page - Fairchild Semiconductor FQD17P06 Datasheet HTML 8Page - Fairchild Semiconductor FQD17P06 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.fairchildsemi.com
5
©2001 Fairchild Semiconductor Corporation
FQD17P06 / FQU17P06 Rev C3
Figure 12. Gate Charge Test Circuit & Waveform
Figure 13. Resistive Switching Test Circuit & Waveforms
Figure 14. Unclamped Inductive Switching Test Circuit & Waveforms
V
VDS
DS
V
VGS
GS
10
10%
%
90%
90%
tt
d(
d(on
on))
tt
rr
tt
on
on
tt
of
offf
tt
d(
d(of
offf))
tt
ff
V
VDD
DD
V
VDS
DS
R
RLL
DUT
DUT
R
RGG
V
VGS
GS
Ch
Charg
argee
V
VGS
GS
Q
Qgg
Q
Qgsgs
Q
Qgd
gd
V
VGS
GS
DU
DUTT
V
VDS
DS
300
300nF
nF
50K
50KΩ
Ω
200n
200nFF
12V
12V
Sam
Samee TTyype
pe
as
as DU
DUTT
E
E
EAS
AS
AS
----
=== 2
1
2
1
2
1
2
1
---
---
---
--- LLL AS
AS
AS
III
BV
BVDS
DSS
S
222
---
-------
--------
--------
---------
-----
BV
BVDS
DSS
S -V
-VDD
DD
V
VDD
DD
V
VDS
DS
BV
BVDSS
DSS
tt pp
V
VDD
DD
IIAS
AS
V
VDS
DS (t)
(t)
IIDD (t(t))
Ti
Tim
mee
DU
DUTT
R
RGG
LLL
III DDD
tt
pp
IG = const.
V
VGS
GS
V
VGS
GS


Similar Part No. - FQD17P06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD17P06 FAIRCHILD-FQD17P06 Datasheet
682Kb / 9P
   60V P-Channel MOSFET
FQD17P06 FAIRCHILD-FQD17P06 Datasheet
892Kb / 9P
   P-Channel QFET MOSFET
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQD17P06 FAIRCHILD-FQD17P06_09 Datasheet
812Kb / 9P
   60V P-Channel MOSFET
FQD17P06 FAIRCHILD-FQD17P06_13 Datasheet
892Kb / 9P
   P-Channel QFET MOSFET
More results

Similar Description - FQD17P06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB27P06TM FAIRCHILD-FQB27P06TM Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -60 V, -27 A, 70 m廓
FQPF47P06YDTU FAIRCHILD-FQPF47P06YDTU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -30 A, 26 m廓
FQD11P06TM FAIRCHILD-FQD11P06TM Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -9.4 A, 185 m廓
FQD7P06TM FAIRCHILD-FQD7P06TM Datasheet
543Kb / 8P
   P-Channel QFET짰 MOSFET - 60 V, - 5.4 A, 450 m?
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQB50N06LTM FAIRCHILD-FQB50N06LTM Datasheet
836Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 52.4 A, 21 m廓
FQD13N06LTM FAIRCHILD-FQD13N06LTM Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET 60 V, 11 A, 115 m廓
FQI50N06TU FAIRCHILD-FQI50N06TU Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 60 V, 50 A, 22 m廓
FQD13N06TM FAIRCHILD-FQD13N06TM Datasheet
803Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 10 A, 140 m廓
FQT13N06LTF FAIRCHILD-FQT13N06LTF Datasheet
760Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 2.8 A, 140 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com