Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUEE2E820 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEUEE2E820
Description  Aluminum Electrolytic Capacitors/ EE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUEE2E820 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEUEE2E820 Datasheet HTML 1Page - Panasonic Semiconductor EEUEE2E820 Datasheet HTML 2Page - Panasonic Semiconductor EEUEE2E820 Datasheet HTML 3Page - Panasonic Semiconductor EEUEE2E820 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ EE
– EEE-92 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
tan d
(120 Hz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
(V)
(μF)
(mm)
(mm) (mA r.m.s.)
(hours)
(mm)
(mm)
(mm)
(pcs)
(pcs)
160
22
10
20
700
0.15
8000
0.6
5.0
5.0
EEUEE2C220( )
200
500
33
10
20
810
0.15
8000
0.6
5.0
5.0
EEUEE2C330( )
200
500
47
10
20
1065
0.15
8000
0.6
5.0
5.0
EEUEE2C470( )
200
500
68
12.5
20
1350
0.15
10000
0.6
5.0
5.0
EEUEE2C680( )
200
500
82
12.5
25
1480
0.15
10000
0.6
5.0
5.0
EEUEE2C820( )
200
500
100
12.5
25
1660
0.15
10000
0.6
5.0
5.0
EEUEE2C101( )
200
500
16
20
1700
0.15
10000
0.8
7.5
7.5
EEUEE2C101S( )
100
250
150
16
25
1890
0.15
10000
0.8
7.5
7.5
EEUEE2C151( )
100
250
18
20
1820
0.15
10000
0.8
7.5
7.5
EEUEE2C151S( )
100
250
220
16
31.5
2280
0.15
10000
0.8
7.5
EEUEE2C221
100
18
25
1950
0.15
10000
0.8
7.5
7.5
EEUEE2C221S( )
100
250
330
18
31.5
2600
0.15
10000
0.8
7.5
EEUEE2C331
50
200
22
10
20
850
0.15
8000
0.6
5.0
5.0
EEUEE2D220( )
200
500
33
10
20
920
0.15
8000
0.6
5.0
5.0
EEUEE2D330( )
200
500
47
12.5
20
1100
0.15
10000
0.6
5.0
5.0
EEUEE2D470( )
200
500
68
12.5
25
1330
0.15
10000
0.6
5.0
5.0
EEUEE2D680( )
200
500
16
20
1330
0.15
10000
0.8
7.5
7.5
EEUEE2D680S( )
100
250
82
16
20
1460
0.15
10000
0.8
7.5
7.5
EEUEE2D820S( )
100
250
100
16
25
1730
0.15
10000
0.8
7.5
7.5
EEUEE2D101( )
100
250
18
20
1665
0.15
10000
0.8
7.5
7.5
EEUEE2D101S( )
100
250
150
16
25
1860
0.15
10000
0.8
7.5
7.5
EEUEE2D151( )
100
250
220
18
31.5
2600
0.15
10000
0.8
7.5
EEUEE2D221
50
330
18
40
3120
0.15
10000
0.8
7.5
EEUEE2D331
50
250
22
10
20
785
0.15
8000
0.6
5.0
5.0
EEUEE2E220( )
200
500
33
12.5
20
995
0.15
10000
0.6
5.0
5.0
EEUEE2E330( )
200
500
47
12.5
25
1290
0.15
10000
0.6
5.0
5.0
EEUEE2E470( )
200
500
16
20
1400
0.15
10000
0.8
7.5
7.5
EEUEE2E470S( )
100
250
68
16
20
1400
0.15
10000
0.8
7.5
7.5
EEUEE2E680S( )
100
250
82
16
25
1680
0.15
10000
0.8
7.5
7.5
EEUEE2E820( )
100
250
18
20
1680
0.15
10000
0.8
7.5
7.5
EEUEE2E820S( )
100
250
100
16
31.5
2100
0.15
10000
0.8
7.5
EEUEE2E101
100
18
25
2100
0.15
10000
0.8
7.5
7.5
EEUEE2E101S( )
100
250
150
18
31.5
2520
0.15
10000
0.8
7.5
EEUEE2E151
50
220
18
40
2940
0.15
10000
0.8
7.5
EEUEE2E221
50
350
15
10
20
480
0.20
8000
0.6
5.0
5.0
EEUEE2V150( )
200
500
22
12.5
20
660
0.20
10000
0.6
5.0
5.0
EEUEE2V220( )
200
500
33
12.5
25
790
0.20
10000
0.6
5.0
5.0
EEUEE2V330( )
200
500
16
20
900
0.20
10000
0.8
7.5
7.5
EEUEE2V330S( )
100
250
47
16
25
1070
0.20
10000
0.8
7.5
7.5
EEUEE2V470( )
100
250
18
20
1070
0.20
10000
0.8
7.5
7.5
EEUEE2V470S( )
100
250
68
16
31.5
1530
0.20
10000
0.8
7.5
EEUEE2V680
100
18
25
1330
0.20
10000
0.8
7.5
7.5
EEUEE2V680S( )
100
250
82
18
25
1530
0.20
10000
0.8
7.5
7.5
EEUEE2V820S( )
100
250
100
18
31.5
1600
0.20
10000
0.8
7.5
EEUEE2V101
50
· When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch
✽B=5 mm, 7.5 mm.
· Please refer to the page of “Taping Dimensions”.
Endurance : 105 °C 010=8000 h, 012.5 to 018=10000 h
02 May. 2014


Similar Part No. - EEUEE2E820

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUEE2E820 PANASONIC-EEUEE2E820 Datasheet
223Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEUEE2E820 PANASONIC-EEUEE2E820 Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors EE
EEUEE2E820 PANASONIC-EEUEE2E820 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEUEE2E820 PANASONIC-EEUEE2E820 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
logo
Panasonic Battery Group
EEUEE2E820 PANASONICBATTERY-EEUEE2E820 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
More results

Similar Description - EEUEE2E820

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-EE2W220S PANASONIC-EEU-EE2W220S Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors EE
EEU-EE2W100U PANASONIC-EEU-EE2W100U Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2G470S PANASONIC-EEU-EE2G470S Datasheet
101Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2W560 PANASONIC-EEU-EE2W560 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2W150 PANASONIC-EEU-EE2W150 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2D470 PANASONIC-EEU-EE2D470 Datasheet
223Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2W470S PANASONIC-EEU-EE2W470S Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
logo
Panasonic Battery Group
EEU-EE2E101S PANASONICBATTERY-EEU-EE2E101S Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com