Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAC30U-050 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSAC30U-050
Description  20-30W Universal 3-Wire Input Desktop Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAC30U-050 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSAC30U-050 Datasheet HTML 1Page - Phihong USA Inc. PSAC30U-050 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Revised 11/21/2011
WWW.PHIHONG.COM
20-30W Universal 3-Wire Input Desktop Adapter
PSAC30U Adapter Meets Ecodesign and EISA Requirements
Features
 Low Cost
 Non-Vented Case
 EISA Energy Efficiency Compliance
 Class B EMI
 Ecodesign ErP Directive 2009/125/EC
level 2 annex 1b compliant
 Low Profile Design
 Compact Size
Applications
 Portable Equipment
 Networking
 Peripherals
 Gaming Machines
Safety Approvals
 CE
 cUL/UL
 Meeting Cal. Prop. 65
Mechanical Characteristics
 Length: 103.4mm (4.07in.)
 Height: 28.7mm (1.13in.)
 Width: 42mm (1.65in.)
 Weight: 160g (5.64oz)
Output Specifications
Note (*): Measured with by-pass capacitors 0.1uF//10uf at output connector terminal and oscilloscope set at 20MHz.
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at
www.phihong.com for the most up-to-date specifications and contact information.
Model
DC Output
Voltage
Load
Ripple*
Output
Power
Efficiency
Level
Min.
Max.
PSAC30U-050
5V
0A
4.00A
70mV
20W
PSAC30U-120
12V
0A
2.50A
120mV
30W
PSAC30U-240
24V
0A
1.25A
240mV
30W
PSAC30U-560
56V
0A
0.54A
560mV
30W


Similar Part No. - PSAC30U-050

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAC30U-050L6 PHIHONG-PSAC30U-050L6 Datasheet
119Kb / 2P
   20-30W Universal 3-Wire Input Desktop Adapter PSAC30U Adapter Meets Level VI Efficiency
PSAC30U-050L6 PHIHONG-PSAC30U-050L6 Datasheet
99Kb / 3P
   20-30W Universal 3-Wire Input Desktop Adapter
More results

Similar Description - PSAC30U-050

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAC30U-050L6 PHIHONG-PSAC30U-050L6 Datasheet
99Kb / 3P
   20-30W Universal 3-Wire Input Desktop Adapter
PSAC30U-120L6 PHIHONG-PSAC30U-120L6 Datasheet
119Kb / 2P
   20-30W Universal 3-Wire Input Desktop Adapter PSAC30U Adapter Meets Level VI Efficiency
PSA31U-050 PHIHONG-PSA31U-050 Datasheet
324Kb / 2P
   20-30 Watt Universal 3-Wire Input Adapter
PSC30U-050 PHIHONG-PSC30U-050 Datasheet
129Kb / 2P
   20-30 Watt Universal 3-Wire Input Adapter
PSAA15W-050L6 PHIHONG-PSAA15W-050L6_17 Datasheet
174Kb / 3P
   15 Watt Universal 2-Wire Input Desktop Adapter
PSAA15W-V PHIHONG-PSAA15W-V Datasheet
103Kb / 2P
   15 Watt Universal 2-Wire Input Desktop Adapter
PSAA15W-050 PHIHONG-PSAA15W-050 Datasheet
126Kb / 2P
   15 Watt Universal 2-Wire Input Desktop Adapter
logo
Volgen Kaga Electronics...
KTPS90-2437 VOLGEN-KTPS90-2437 Datasheet
430Kb / 2P
   90 Watt Universal Input, Desktop Adapter
KTPS65-1543DT-3P-VI-C-P1 VOLGEN-KTPS65-1543DT-3P-VI-C-P1 Datasheet
546Kb / 3P
   65 Watt Universal Input, Desktop Adapter
KTPS36-0940DT-3P-VI-C-P1 VOLGEN-KTPS36-0940DT-3P-VI-C-P1 Datasheet
440Kb / 3P
   50 Watt Universal Input, Desktop Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com