Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAA20R-050 Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSAA20R-050
Description  10~20 Watt Interchangeable Plug Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAA20R-050 Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSAA20R-050 Datasheet HTML 1Page - Phihong USA Inc. PSAA20R-050 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
[Type text]
PSAA20R Characteristics
WWW.PHIHONG.COM
Input:
AC Input Voltage Rating
100 to 240V AC
AC Input Voltage Range
90V AC to 264V AC
AC Input Frequency
47 to 63Hz
Input Current
0.5A (RMS) maximum at 120V AC
0.25A (RMS) maximum at 240V Ac
Leakage Current
0.25mA maximum at 264V AC
Inrush Current
40A maximum for 120V AC and maximum load
80A maximum for 240V AC and maximum load
(Cold start at ambient 25°C)
Input Power Saving
0.3W maximum at no load
Output:
Efficiency
Meets requirements for Energy Star EPS Version
2.0 Level V and Ecodesign Directive 2009/125/EC
level 2 annex 1b
Ripple
3.3V – 50mV
24V – 240mV
5V – 100mV
48V – 480mV
12V – 120mV
Hold-up Time
10mS minimum at 120V AC and maximum load
Over-Current Protection
Short circuit protection – auto-restart
Short-Circuit Protection
Output can be shorted without damage
Environmental:
Temperature
Operation
0 to +40°C
Non-operation
-25 to +75°C
Humidity
20 to 90%
Emissions
FCC Class B
EN55022 Class B
Immunity
EN61000-4-2
Level 3
EN61000-4-3
Level 2
EN61000-4-4
Level 2
EN61000-4-5
Level 3
EN61000-4-6
Level 3
EN61000-4-11
EN61000-3-2
Class A
EN61000-3-3
Dielectric Withstand (Hi-pot) Test
Primary to Secondary: 3000V AC for 1 min., 10mA
DC Output Connector
2.1 x 5.5mm Center Positive Standard
DC Cord Length
3.3V Model is 1200mm; all other models are 1500mm
AC Input clips (sold separately)
RPA:
US
RPI:
India
RPB:
Brazil
RPK:
UK
RPC:
China
RPN:
Argentina
RPE:
Europe
RPS:
Australia
RPH:
Korea
RPX:
IEC320 C8
Dimension Diagram Unit: mm (inch)


Similar Part No. - PSAA20R-050

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAA20R-050L6 PHIHONG-PSAA20R-050L6 Datasheet
117Kb / 2P
   20 Watt Interchangeable Plug Series PSAA20R Adapter Series Meets DOE Level VI
PSAA20R-050L6 PHIHONG-PSAA20R-050L6 Datasheet
129Kb / 3P
   20 Watt Interchangeable Plug Series
More results

Similar Description - PSAA20R-050

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSC20R-120 PHIHONG-PSC20R-120 Datasheet
143Kb / 2P
   20-WATT INTERCHANGEABLE PLUG SERIES
PSAA20R-050L6 PHIHONG-PSAA20R-050L6 Datasheet
129Kb / 3P
   20 Watt Interchangeable Plug Series
PSAA20R-120L6 PHIHONG-PSAA20R-120L6 Datasheet
281Kb / 3P
   20 Watt Interchangeable Plug Series
PSAA20R-120 PHIHONG-PSAA20R-120 Datasheet
134Kb / 2P
   20-WATT INTERCHANGEABLE PLUG SERIES
PSA10R-033 PHIHONG-PSA10R-033 Datasheet
133Kb / 3P
   10 Watt Interchangeable Plug Series
PSA21R-033 PHIHONG-PSA21R-033 Datasheet
138Kb / 3P
   15-20 Watt Interchangeable Plug Series
PSAC12R-050 PHIHONG-PSAC12R-050 Datasheet
141Kb / 3P
   12 Watt Interchangeable Plug Series
PSA15R-050P PHIHONG-PSA15R-050P Datasheet
169Kb / 2P
   15 WATT INTERCHANGEABLE PLUG SERIES
PSA15R-V PHIHONG-PSA15R-V Datasheet
92Kb / 2P
   15 Watt Interchangeable Plug Series
PSC15R-050 PHIHONG-PSC15R-050 Datasheet
180Kb / 3P
   15 Watt Interchangeable Plug Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com