Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAA18U-150 Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSAA18U-150
Description  18 Watt Universal 3-Wire Input Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAA18U-150 Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSAA18U-150 Datasheet HTML 1Page - Phihong USA Inc. PSAA18U-150 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
[Type text]
PSAA18U Characteristics
WWW.PHIHONG.COM
Input:
AC Input Voltage Rating
100 to 240V AC
AC Input Voltage Range
90 to 264V AC
AC Input Frequency
47 to 63Hz
Input Current
0.6A (RMS) maximum at 100V AC
0.3A (RMS) maximum at 240V AC
Leakage Current
0.25mA maximum at 250V AC and 50Hz
Inrush Current
60A for 100V Ac at maximum load
150A for 240V AC at maximum load
(Cold start at ambient 25°C)
Input Power Saving
0.3W maximum at no load
Output:
Efficiency
≥80.3% average efficiency
Compliant for Level V Marking
Over-Voltage Protection
Auto restart
Over-Current Protection
Auto restart
Short-Circuit Protection
Output can be shorted permanently without damage
Environmental:
Temperature
Operation
0 to +40°C
Non-operation
-20 to +75°C
Relative Humidity
0 to 90%
Emissions
FCC Class B
EN55022 Class B/CISPR22 Class B
Immunity
EN50082-1:
(EN55024)
EN61000-4-2
Level 4
EN61000-4-3
Level 2
EN61000-4-4
Level 2
EN61000-4-5
Level 3
EN61000-4-6
Level 2
EN61000-4-8
Level 1
EN61000-4-11
Insulation Resistance
Input to Output : > 10M ohm, 500V DC
Input to Field Ground: > 10M ohm, 500V DC
Dielectric Withstand (Hi-pot) Test
Primary to Secondary: 3000V AC for 1 min., 10mA
Primary to F.G.: 1500V AC for 1 min., 10mA
Input Connector
IEC C14
DC Output Connector
2.1mm x 5.5mm center positive standard
Dimension Diagram Unit: mm


Similar Part No. - PSAA18U-150

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAA18U-150L6 PHIHONG-PSAA18U-150L6 Datasheet
61Kb / 2P
   18 Watt Universal 3-Wire Input Adapter PSAA18U Adapter Meets EISA and Ecodesign Requirements
More results

Similar Description - PSAA18U-150

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSC18U-480 PHIHONG-PSC18U-480_14 Datasheet
146Kb / 2P
   18 Watt Universal 3-Wire Input Adapter
PSC18U-480 PHIHONG-PSC18U-480 Datasheet
135Kb / 2P
   18 Watt Universal 3-Wire Input Adapter
PSAA18U-090 PHIHONG-PSAA18U-090 Datasheet
121Kb / 2P
   18 Watt Universal 3-Wire Input Adapter
PSC75U-560 PHIHONG-PSC75U-560 Datasheet
120Kb / 2P
   75 Watt Universal 3-Wire Input Adapter
PSAC60M-120 PHIHONG-PSAC60M-120_17 Datasheet
89Kb / 3P
   60 Watt Universal 3-Wire Input Adapter
PSAA60M-120 PHIHONG-PSAA60M-120 Datasheet
153Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSC60M-120 PHIHONG-PSC60M-120 Datasheet
128Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSC30U-120V PHIHONG-PSC30U-120V_14 Datasheet
93Kb / 2P
   30 Watt Universal 3-Wire Input Adapter
PSAC60M-120 PHIHONG-PSAC60M-120_14 Datasheet
124Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSA120U-120V PHIHONG-PSA120U-120V Datasheet
317Kb / 3P
   120 Watt Universal 3-Wire Input Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com