Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAA20R-120 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSAA20R-120
Description  10~20 Watt Interchangeable Plug Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAA20R-120 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSAA20R-120_14 Datasheet HTML 1Page - Phihong USA Inc. PSAA20R-120_14 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Revision 11/21/2011
WWW.PHIHONG.COM
10~20 Watt Interchangeable Plug Series
PSAA20R Adapter Series Meets EISA and Ecodesign Requirements
Features
 Efficiency Level V Compliance
 No-load Power Saving
 Class B EMI
 High Efficiency
 Ecodesign ErP Directive 2009/125/EC
Level 2 annex 1b Compliant
 Compact Size
 Class II Double Insulated
Applications
 Peripherals
 Point of Sale Equipment
 Gaming Machines
 Network Equipment
Safety Approvals
 cUL/UL
 SAA
 CE
 C-Tick
Mechanical Characteristics
 Length: 71.6mm (2.82in)
 Height: 31mm (1.22in)
 Width: 50mm (1.97in)
 Weight: 170g (6oz)
Output Specifications
Interchangeable Clips Sold Separately
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for the
most up-to-date specifications and contact information.
Model
DC Output
Voltage
Load
Regulation
Output
Efficiency
Min.
Max.
Line
Load
Power
Level
PSAA20R-033
3.3V
0A
3.00A
±5%
9.9W
PSAA20R-050
5V
0A
3.00A
±5%
15W
PSAA20R-120
12V
0A
1.67A
±5%
20W
PSAA20R-240
24V
0A
0.83A
±5%
20W
PSAA20R-480
)
48V
0A
0.42A
±5%
20W


Similar Part No. - PSAA20R-120_14

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAA20R-120L6 PHIHONG-PSAA20R-120L6 Datasheet
117Kb / 2P
   20 Watt Interchangeable Plug Series PSAA20R Adapter Series Meets DOE Level VI
PSAA20R-120L6 PHIHONG-PSAA20R-120L6 Datasheet
281Kb / 3P
   20 Watt Interchangeable Plug Series
More results

Similar Description - PSAA20R-120_14

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSC20R-120 PHIHONG-PSC20R-120 Datasheet
143Kb / 2P
   20-WATT INTERCHANGEABLE PLUG SERIES
PSAA20R-050L6 PHIHONG-PSAA20R-050L6 Datasheet
129Kb / 3P
   20 Watt Interchangeable Plug Series
PSAA20R-120L6 PHIHONG-PSAA20R-120L6 Datasheet
281Kb / 3P
   20 Watt Interchangeable Plug Series
PSAA20R-120 PHIHONG-PSAA20R-120 Datasheet
134Kb / 2P
   20-WATT INTERCHANGEABLE PLUG SERIES
PSA10R-033 PHIHONG-PSA10R-033 Datasheet
133Kb / 3P
   10 Watt Interchangeable Plug Series
PSA21R-033 PHIHONG-PSA21R-033 Datasheet
138Kb / 3P
   15-20 Watt Interchangeable Plug Series
PSAC12R-050 PHIHONG-PSAC12R-050 Datasheet
141Kb / 3P
   12 Watt Interchangeable Plug Series
PSA15R-050P PHIHONG-PSA15R-050P Datasheet
169Kb / 2P
   15 WATT INTERCHANGEABLE PLUG SERIES
PSA15R-V PHIHONG-PSA15R-V Datasheet
92Kb / 2P
   15 Watt Interchangeable Plug Series
PSC15R-050 PHIHONG-PSC15R-050 Datasheet
180Kb / 3P
   15 Watt Interchangeable Plug Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com