Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA8334-001 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA8334-001
Description  High Power Multi-Throw PIN Diode Switch Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA8334-001 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA8334-001 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA8334-001 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA8334-001 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MA8334 Series
High Power Multi-Throw PIN Diode Switch Modules
V5
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
2
Note: Specifications subject to change without notification
Performance Data
Model
Number
Case
Style
Maximum
3
CW Input
Power
(Watts)
Switch
Type
Frequency
Range
(MHz)
Minimum
Isolation
1,2
(dB)
Maximum
Insertion
Loss
1,2
(dB)
Diode
Voltage
Rating
(Volts)
MA8334-001
844-001
100
SPDT
10-1000
24
0.35
900
MA8334-004
844-004
100
SP3T
10-1000
24
0.35
900
Nominal
Carrier
Lifetime
4
TL (µS)
8
8
Specifications @ TA=+25°C
1) For the MA8334-001 and the MA8334-004
switches, the small signal insertion loss and
isolation measurements are performed at
450 MHz with the “ON” port forward biased
@ +50mA, +1V and the “OFF” port reverse
biased at 0V, 0mA. For (100W) high signal
conditions, the “ON “ port is forward biased
@ +50mA, +1V and the “OFF” port is re-
verse biased at –100V, 0mA.
2) Maximum small signal VSWR for all
switches is 1.35:1 with source and load
VSWR < 1.05 :1 in 50 Ω system at 450 MHz
3) Nominal thermal resistance for each diode
is 20°C/W.
4) Bias conditions +10mA/-6mA
Performance Notes:


Similar Part No. - MA8334-001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA8334-001 MACOM-MA8334-001 Datasheet
181Kb / 3P
   RF High Average Power Multi-Throw PIN Diode Switch Modules
logo
M/A-COM Technology Solu...
MA8334-001 MA-COM-MA8334-001 Datasheet
122Kb / 3P
   RF High Average Power Multi-Throw PIN Diode Switch Modules
MA8334-001 MA-COM-MA8334-001 Datasheet
656Kb / 4P
   High Power Multi-Throw PIN Diode Switch Modules
More results

Similar Description - MA8334-001

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA8334 MA-COM-MA8334_15 Datasheet
656Kb / 4P
   High Power Multi-Throw PIN Diode Switch Modules
MA8334 MA-COM-MA8334_2 Datasheet
163Kb / 3P
   High Power Multi-Throw PIN Diode Switch Modules
MA8334 MA-COM-MA8334 Datasheet
122Kb / 3P
   RF High Average Power Multi-Throw PIN Diode Switch Modules
logo
Tyco Electronics
MA8334 MACOM-MA8334 Datasheet
181Kb / 3P
   RF High Average Power Multi-Throw PIN Diode Switch Modules
MA4GC6772 MACOM-MA4GC6772 Datasheet
113Kb / 3P
   77 GHz GaAs Multi-Throw PIN Diode Switch
logo
M/A-COM Technology Solu...
MA47200 MA-COM-MA47200 Datasheet
147Kb / 3P
   Stripline PIN Diode Switch Modules
MA4P504-144 MA-COM-MA4P504-144 Datasheet
87Kb / 2P
   Stripline PIN Diode Switch Modules
MA47200 MA-COM-MA47200_15 Datasheet
681Kb / 5P
   Stripline PIN Diode Switch Modules
MA47200_V5 MA-COM-MA47200_V5 Datasheet
190Kb / 4P
   Stripline PIN Diode Switch Modules
MA47200 MA-COM-MA47200 Datasheet
190Kb / 4P
   Stripline PIN Diode Switch Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com