Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEEHA1C470P Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEEHA1C470P
Description  Aluminum Electrolytic Capacitors/ HA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEHA1C470P Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEEHA1C470P Datasheet HTML 1Page - Panasonic Semiconductor EEEHA1C470P Datasheet HTML 2Page - Panasonic Semiconductor EEEHA1C470P Datasheet HTML 3Page - Panasonic Semiconductor EEEHA1C470P Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HA
– EEE-17 –
Capacitance (μF)
Rated voltage Mark
Series identification
Lot number
Negative polarity
marking (–)
Mark for Lead-Free
Products Black Dot
(Square)
A±0.2
W
( ) Reference size
L
+
0.3 max.
Pressure Relief (
010 and larger)
Features
● Endurance: 105 °C 1000 h
● Vibration-proof product is available upon request.
(08 mm and larger)
● AEC-Q200 qualified
● RoHS directive compliant
Surface Mount Type
Series:
HA Type: V
Specifications
Dimensions in mm (not to scale)
Marking
Example:6.3 V 22 μF (Polarized)
Marking color : BLACK
Category Temp. Range
–40 °C to +105 °C
Rated W.V. Range
6.3 V.DC to 100 V.DC
Nominal Cap. Range
1 μF to 1500 μF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV or 3 (μA) After 2 minutes (Whichever is greater)
tan d
Please see the attached standard products list
Characteristics
at Low Temperature
W.V. (V)
6.3
10
16
25
35
50
63
100
(Impedance ratio at 120 Hz)
Z(–25 °C)/Z(+20 °C)
43222233
Z(–40 °C)/Z(+20 °C)
86443344
Endurance
After applying rated working voltage for 1000 hours at +105 °C±2 °C and then being stabilized at +20 °C,
capacitors shall meet the following limits.
Capacitance change
±20 % of initial measured value (6.3 W.V. of miniature : ±30 %)
tan d
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized at +20 °C,
capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Resistance to
Soldering Heat
After reflow soldering and then being stabilized at +20 °C, capacitor shall meet the following limits.
Capacitance change
±10 % of initial measured value
tan
d
< initial specified value
DC leakage current
< initial specified value
S
HA
Hight-temperature
assuranceize
Size
code
D
L
A, B
H
I
W
P
K
B
4.0
5.4 - 0.2
4.3
5.5 max.
1.8
0.65±0.1
1.0
0.35 - 0.20
C
5.0
5.4 - 0.2
5.3
6.5 max.
2.2
0.65±0.1
1.5
0.35 - 0.20
D
6.3
5.4 - 0.2
6.6
7.8 max.
2.6
0.65±0.1
1.8
0.35 - 0.20
D8
6.3
7.7±0.3
6.6
7.8 max.
2.6
0.65±0.1
1.8
0.35 - 0.20
E
8.0
6.2±0.3
8.3
9.5 max.
3.4
0.65±0.1
2.2
0.35 - 0.20
F
8.0
10.2±0.3
8.3
10.0 max.
3.4
0.90±0.2
3.1
0.70±0.20
G
10.0
10.2±0.3
10.3
12.0 max.
3.5
0.90±0.2
4.6
0.70±0.20
+ 0.1
+ 0.1
+ 0.1
+ 0.15
+ 0.15
+ 0.15
+ 0.15
+ 0.15
Frequency (Hz)
50, 60
120
1 k
10 k to
Correction factor
0.70
1.00
1.30
1.70
Frequency correction factor for ripple current
j
6.3 V
A
10 V
C
16 V
E
25 V
Rated Voltage Mark
V
35 V
H
50 V
J
63 V
2A
100 V
(Unit : mm)
✽ This product qualify for AEC-Q200, but it has some deviations.
02 Mar. 2014


Similar Part No. - EEEHA1C470P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEHA1C470P PANASONIC-EEEHA1C470P Datasheet
198Kb / 4P
   Surface Mount Type
EEEHA1C470P PANASONIC-EEEHA1C470P Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEEHA1C470P PANASONIC-EEEHA1C470P Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEEHA1C470P PANASONIC-EEEHA1C470P Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEEHA1C470P PANASONIC-EEEHA1C470P Datasheet
97Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
More results

Similar Description - EEEHA1C470P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-HA1H100P PANASONIC-EEE-HA1H100P Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEE-HA1E101UP PANASONIC-EEE-HA1E101UP Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEE-HA0J221WP PANASONIC-EEE-HA0J221WP Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEE-HAC101WAP PANASONIC-EEE-HAC101WAP Datasheet
89Kb / 3P
   Aluminum Electrolytic Capacitors/ HA
EEE-HA1J100P PANASONIC-EEE-HA1J100P Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEE-HAV221UAP PANASONIC-EEE-HAV221UAP Datasheet
94Kb / 3P
   Aluminum Electrolytic Capacitors/ HA
EEE-HA1C100R PANASONIC-EEE-HA1C100R Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEE-HA1C221XP PANASONIC-EEE-HA1C221XP Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEE-HAV101XAP PANASONIC-EEE-HAV101XAP Datasheet
84Kb / 3P
   Aluminum Electrolytic Capacitors HA
EEE-HA1V101XP PANASONIC-EEE-HA1V101XP Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com