Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIT-700-23 Datasheet(PDF) 2 Page - Alpha Wire

Part # FIT-700-23
Description  Customer Specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

FIT-700-23 Datasheet(HTML) 2 Page - Alpha Wire

  FIT-700-23 Datasheet HTML 1Page - Alpha Wire FIT-700-23 Datasheet HTML 2Page - Alpha Wire FIT-700-23 Datasheet HTML 3Page - Alpha Wire FIT-700-23 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Physical &Mechanical Properties
1) Temperature Range
-55 to 110°C
2) Shrink Ratio
Approximately 3:1
3) Full Recovery Temperature
120°C
4) Minimum Shrink Temperature
120°C
5) Tensile Strength
2100psi, Min
ASTM D638
6) Elongation
600%, Min
ASTM D638
7) Low Temperature Flex(-55°C)
no cracking
AMS-DTL-23053
8) Heat Shock(225°C,4hrs)
no cracking
AMS-DTL-23053
9) Longitudinal Change
+1%/-10%
AMS-DTL-23053
10) Specific Gravity
1.10, Max
ASTM D792
11) Shelf Life
25 Years @ 18 to 35°C
Electrical Properties
1) Dielectric Strength
500 V/mil, Min
ASTM D876
2) Volume Resistivity
1x10 17 ohm-cm, Min
ASTM D876
Chemical Properties
1) Water Absorption
0.10%, Max
ASTM D570
2) Corrosion(0°C,16hrs)
no corrosion
AMS-DTL-23053
3) Fungus Resistance
Pass
AMS-DTL-23053
4) Halogen Free
No
5) Lead Free
Yes
Other
Packaging
www.alphawire.com
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742)
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure there accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not
ensure product availability.
Alpha provides the information and specifications herein on an “AS IS” basis, with no representations or warranties, whether express, statutory or
implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever,
even if Alpha had been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out
of or in connection with the use, or inability to use, the information or specifications described herein.


Similar Part No. - FIT-700-23

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-700-21 ALPHAWIRE-FIT-700-21 Datasheet
106Kb / 4P
   Customer Specification
FIT-700-21 ALPHAWIRE-FIT-700-21 Datasheet
99Kb / 4P
   Customer Specifications
9/14/2022
FIT-700-21 ALPHAWIRE-FIT-700-21_V01 Datasheet
99Kb / 4P
   Customer Specifications
9/14/2022
FIT-700-22 ALPHAWIRE-FIT-700-22 Datasheet
106Kb / 4P
   Customer Specification
FIT-700-22 ALPHAWIRE-FIT-700-22 Datasheet
104Kb / 4P
   Customer Specification
9/14/2022
More results

Similar Description - FIT-700-23

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5650B2008 ALPHAWIRE-5650B2008 Datasheet
107Kb / 4P
   Customer Specification
9159 ALPHAWIRE-9159 Datasheet
106Kb / 4P
   Customer Specification
9848 ALPHAWIRE-9848 Datasheet
106Kb / 4P
   Customer Specification
FIT-260-34 ALPHAWIRE-FIT-260-34 Datasheet
106Kb / 4P
   Customer Specification
FIT-221-116 ALPHAWIRE-FIT-221-116 Datasheet
112Kb / 4P
   Customer Specification
FIT-321V-34 ALPHAWIRE-FIT-321V-34 Datasheet
106Kb / 4P
   Customer Specification
CAP-22 ALPHAWIRE-CAP-22 Datasheet
106Kb / 4P
   Customer Specification
1604 ALPHAWIRE-1604_14 Datasheet
106Kb / 4P
   Customer Specification
FIT-295-18 ALPHAWIRE-FIT-295-18 Datasheet
107Kb / 4P
   Customer Specification
FIT-321-18 ALPHAWIRE-FIT-321-18 Datasheet
106Kb / 4P
   Customer Specification
FIT-350-316 ALPHAWIRE-FIT-350-316 Datasheet
107Kb / 4P
   Customer Specification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com