Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB20189 Datasheet(PDF) 3 Page - Ericsson

Part # PTB20189
Description  UHF TV Linear Power Transistor Cellular Radio RF Power Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20189 Datasheet(HTML) 3 Page - Ericsson

  PTB20189 Datasheet HTML 1Page - Ericsson PTB20189 Datasheet HTML 2Page - Ericsson PTB20189 Datasheet HTML 3Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PTB 20189
3
e
Output Power vs. Supply Voltage
0.5
0.7
0.9
1.1
1.3
16
18
20
22
24
26
28
30
Vcc, Supply Voltage
ICQ = 175 mA
Pin = 40 mW
f = 960 MHz
Gain vs. Frequency
(as measured in a broadband circuit)
8
10
12
14
16
900
915
930
945
960
Frequency (MHz)
VCC = 25 V
ICQ = 175 mA
Pout = 1 W
Typical Performance
Ericsson Components
RF Power Products
675 Jarvis Drive
Morgan Hill, CA 95037 USA
Telephone: 408-778-9434
Specifications subject to change without notice.
LF
© 1996 Ericsson Inc.
EUS/KR 1301-PTB 20189 Uen Rev. C 09-28-98
1-877-GOLDMOS
(1-877-465-3667)
e-mail: rfpower@ericsson.com
www.ericsson.com/rfpower


Similar Part No. - PTB20189

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20180 ERICSSON-PTB20180 Datasheet
43Kb / 2P
   2.5 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20187 ERICSSON-PTB20187 Datasheet
43Kb / 2P
   4 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20188 ERICSSON-PTB20188 Datasheet
323Kb / 2P
   4 Watts P-Sync, 470-860 MHz UHF TV Linear Power Transistor
More results

Similar Description - PTB20189

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD4100 STMICROELECTRONICS-SD4100 Datasheet
33Kb / 4P
   RF POWER TRANSISTORS UHF TV/LINEAR APPLICATIONS
logo
NXP Semiconductors
BLW33 PHILIPS-BLW33 Datasheet
81Kb / 12P
   UHF linear power transistor
August 1986
logo
Motorola, Inc
TPV7025 MOTOROLA-TPV7025 Datasheet
79Kb / 4P
   UHF LINEAR POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BLV59 NJSEMI-BLV59 Datasheet
134Kb / 4P
   UHF linear power transistor
TPV598 NJSEMI-TPV598 Datasheet
76Kb / 2P
   UHF Linear Power Transistor
logo
NXP Semiconductors
BLW34 PHILIPS-BLW34 Datasheet
80Kb / 12P
   UHF linear power transistor
August 1986
logo
New Jersey Semi-Conduct...
TPV595A NJSEMI-TPV595A Datasheet
96Kb / 2P
   UHF Linear Power Transistor
logo
NXP Semiconductors
BLW98 PHILIPS-BLW98 Datasheet
80Kb / 13P
   UHF linear power transistor
August 1986
logo
Motorola, Inc
TP3024B MOTOROLA-TP3024B Datasheet
50Kb / 2P
   UHF LINEAR POWER TRANSISTOR
TPV597 MOTOROLA-TPV597 Datasheet
95Kb / 4P
   UHF LINEAR POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com