Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-3101 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-3101
Description  Power MOSFET/IGBT Gate Drive Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3101 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-3101 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Recommended Operating Conditions
Parameter
Symbol
Device
Min.
Max.
Units
Power Supply Voltage
V
CC
15
30
V
Input Current (ON)
I
F
HCPL-3100
14
20
mA
HCPL-3101
15
20
mA
Operating Temperature
T
A
-40
70
°C
recommended circuit design
showing a current limiting
resistor R
2 which is necessary in
order to prevent damage to the
output transistors Q1 and Q2.
(See Note 7.) A bypass capacitor
C
1 is also recommended to
reduce power supply noise.
Recommended Protection for
Output Transistors
During switching transitions, the
output transistors Q1 and Q2 of
the HCPL-3100/3101 can
conduct large amounts of
current. Figure 1 describes a
Figure 1. Recommended output transistor protection and typical application circuit.
8
7
6
5
Q2
Q1
+5 V
R
TTL
OR
LSTTL
ANODE
CATHODE
3
R 2
12 V
C 1
12 V
+ HVDC
3-PHASE
AC
- HVDC
IGBT
(OR )t
(MOSFET)
HCPL-3100/1
TOTEM
POLE
OUTPUT
GATE
CONTROL
INPUT
R = 25 - 100
R = 180
Ω (HCPL-3100)
240
Ω (HCPL-3101)
BYPASS CAPACITOR C = 0.1
µF
2
3
1


Similar Part No. - HCPL-3101

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3101 HP-HCPL-3101 Datasheet
233Kb / 10P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3101 AVAGO-HCPL-3101 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers Uninterruptable power supply
HCPL-3101 AVAGO-HCPL-3101 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3101 AVAGO-HCPL-3101 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3101-000E AVAGO-HCPL-3101-000E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
More results

Similar Description - HCPL-3101

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3100 HP-HCPL-3100 Datasheet
233Kb / 10P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-300E AVAGO-HCPL-3100-300E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3101-000E AVAGO-HCPL-3101-000E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers Uninterruptable power supply
logo
Toshiba Semiconductor
TLP5214 TOSHIBA-TLP5214 Datasheet
910Kb / 20P
   Isolated IGBT/Power MOSFET gate drive
logo
ISOCOM COMPONENTS
IS314P ISOCOM-IS314P Datasheet
3Mb / 17P
   IGBT/MOSFET Gate Drive
ICPL3120 ISOCOM-ICPL3120 Datasheet
1Mb / 14P
   IGBT/MOSFET Gate Drive
IS314W ISOCOM-IS314W Datasheet
991Kb / 17P
   IGBT/MOSFET Gate Drive
IS341W ISOCOM-IS341W Datasheet
1Mb / 17P
   IGBT/MOSFET Gate Drive
IS480P ISOCOM-IS480P Datasheet
1Mb / 15P
   Isolated IGBT/MOSFET Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com