Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-3100-500E Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-3100-500E
Description  Power MOSFET/IGBT Gate Drive Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3100-500E Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3100-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Switching Specifications (T
A = 25°C)
Parameter
Sym.
Device
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Propagation
t
PLH
HCPL-3100
-
1
2
µsI
F = 10 mA
V
CC = 24 V,
9,
2, 6
Delay Time to
V
O1 = 24 V,
25,
High Output
HCPL-3101
-
0.3
0.5
µsI
F = 5 mA
R
G = 47 Ω,
26,
Level
C
G = 3000 pF
27
Propagation
t
PHL
HCPL-3100
-
1
2
µsI
F = 10 mA
Delay Time to
Low Output
HCPL-3101
-
0.3
0.5
µsI
F = 5 mA
Level
Rise Time
t
r
HCPL-3100
-
0.2
0.5
µsI
F = 10 mA
HCPL-3101
I
F = 5 mA
Fall Time
t
f
HCPL-3100
-
0.2
0.5
µsI
F = 10 mA
HCPL-3101
I
F = 5 mA
Output High
|CM
H|
HCPL-3100
15
-
kV/
µsI
F = 10 mA
V
CM = 1500 V
10
2
Level Common
(peak),
Mode Transient
HCPL-3101
I
F = 5mA
V
CC = 24 V
Immunity
V
O1 = 24 V
∆V
02H = ∆V02L
Output Low
|CM
L|15
-
kV/
µsI
F = 0 mA
= 2.0 V
Level Common
Mode Transient
Immunity
Notes:
1. Derate absolute maximum ratings with ambient temperatures as shown in Figures 11 and 12.
2. A bypass capacitor of 0.01
µF or more is needed near the device between V
CC and GND when measuring output and transfer
characteristics.
3. IFLH represents the forward current when the output goes from low to high.
4. Device considered a two terminal device; pins 1-4 are shorted together and pins 5-8 are shorted together.
5. For devices with minimum VISO specified at 5000 V rms, in accordance with UL 1577, each optocoupler is proof-tested by
applying an insulation test voltage
≥ 6000 V rms for one second (leakage current detection limit, I
I-O ≤ 200 µA).
6. The tPLH and tPHL propagation delays are measured from the 50% level of the input pulse to the 50% level of the output pulse.
7. R2 limits the Q1 and Q2 peak currents. For more applications and circuit design information see Application Note “Power
Transistor Gate/Base Drive Optocouplers.”
Packaging Characteristics
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output Momentary
V
ISO
5000
V rms
RH = 40% to 60%
4, 5
Withstand Voltage*
t = 1 min, T
A = 25°C
Resistance (Input-Output)
R
I-O
5x1010
1011
V
I-O = 500 V, TA = 25° C4
RH = 40% to 60%
Capacitance (Input-Output)
C
I-O
1.2
pF
f = 1 MHz
4
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage
rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table (if applicable), your equipment level
safety specification, or Avago Application Note 1074, “Optocoupler Input-Output Endurance Voltage.”


Similar Part No. - HCPL-3100-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-300E AVAGO-HCPL-3100-300E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
More results

Similar Description - HCPL-3100-500E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3100 HP-HCPL-3100 Datasheet
233Kb / 10P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-300E AVAGO-HCPL-3100-300E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3101-000E AVAGO-HCPL-3101-000E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers Uninterruptable power supply
logo
Toshiba Semiconductor
TLP5214 TOSHIBA-TLP5214 Datasheet
910Kb / 20P
   Isolated IGBT/Power MOSFET gate drive
logo
ISOCOM COMPONENTS
IS314P ISOCOM-IS314P Datasheet
3Mb / 17P
   IGBT/MOSFET Gate Drive
ICPL3120 ISOCOM-ICPL3120 Datasheet
1Mb / 14P
   IGBT/MOSFET Gate Drive
IS314W ISOCOM-IS314W Datasheet
991Kb / 17P
   IGBT/MOSFET Gate Drive
IS341W ISOCOM-IS341W Datasheet
1Mb / 17P
   IGBT/MOSFET Gate Drive
IS480P ISOCOM-IS480P Datasheet
1Mb / 15P
   Isolated IGBT/MOSFET Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com